| Zakładka z wyszukiwarką danych komponentów |
|
HCF4070B Arkusz danych(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HCF4070B Arkusz danych(HTML) 1 Page - STMicroelectronics |
|
1 / 8 page ![]() 1/8 March 2004 s MEDIUM-SPEED OPERATION tPHL =tPLH = 70ns (Typ.) at CL = 50 pF and VDD = 10V s QUIESCENT CURRENT SPECIFIED UP TO 20V s 5V, 10V AND 15V PARAMETRIC RATINGS s INPUT LEAKAGE CURRENT II = 100nA (MAX) AT VDD =18V TA = 25°C s 100% TESTED FOR QUIESCENT CURRENT DESCRIPTION The HCF4070B is a monolithic integrated circuit fabricated in Metal Oxide Semiconductor technology available in DIP and SOP packages. The HCF4070B contain four independent exclusive OR gates. This device provide the system designer with a means for direct implementation of the exclusive-OR. For applications as logical comparators, adders/ subtractors, parity generator and checkers. HCF4070B QUAD EXCLUSIVE OR GATE PIN CONNECTION ORDER CODES PACKAGE TUBE T & R DIP HCF4070BEY SOP HCF4070BM1 HCF4070M013TR DIP SOP |
Podobny numer części - HCF4070B |
|
Podobny opis - HCF4070B |