| Zakładka z wyszukiwarką danych komponentów |
|
KAC-AC5W-S/Q Arkusz danych(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
KAC-AC5W-S/Q Arkusz danych(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 3 page ![]() MODEL: KAC KAC SPECIFICATIONS ES-3565 Rev.8 Page 3/3 http://www.m-system.co.jp/ EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch) 3 4 5 6 2 1 8 7 50 (1.97) 103 (4.06) 123 (4.84) [3.3 (.13)] 40 (1.57) 50 (1.97) 7.8 (.31) CLAMP (top & bottom) DIN RAIL 35mm wide 2–4.5 (.18) dia. MTG HOLE 15 (.59) deep 8–M3.5 SCREW • When mounting, no extra space is needed between units. SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM + – Isolation Base Socket S Z *Input shunt resistor incorporated for current input. INPUT 3 R.M.S. Operation Output Driver OUTPUT 4 5 6 1 2 U(+) V(–) POWER 7 8 AC Amplifier * Specifications are subject to change without notice. |