| Zakładka z wyszukiwarką danych komponentów |
|
M6DXU-T1R0-R Arkusz danych(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
M6DXU-T1R0-R Arkusz danych(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 6 page ![]() MODEL: M6DXU M6DXU SPECIFICATIONS ES-7853 Rev.5 Page 3/6 http://www.m-system.co.jp/ 0 – 2500 Ω : 250 Ω 0 – 5000 Ω : 500 Ω If not specified, the input range is 0 – 1200 Ω. OUTPUT SPECIFICATIONS ■ DC Current Output range: 0 – 20 mA DC Conformance range: 0 – 20.4 mA DC Minimum span: 1 mA Offset: Lower range can be any specific value within the output range provided that the minimum span is maintained. Load resistance: Output drive 11 V max. (e.g. 4 – 20 mA: 550 Ω [11 V ÷ 20 mA]) If not specified, the output range is 4 – 20 mA DC. ■ DC Voltage Code V2 (wide spans) Output range: -10 – +10 V DC Conformance range: -10.4 – +10.4 V DC Minimum span: 1 V Code V3 (narrow spans) Output range: -5 – +5 V DC Conformance range: -5.2 – +5.2 V DC Minimum span: 0.5 V Offset: Lower range can be any specific value within the output range provided that the minimum span is maintained. Load resistance: Output drive 1 mA max. (e.g. 1 – 5 V: 5000 Ω [5 V ÷ 1 mA]) If not specified, the output range is shown below. V2: 0 – 10 V DC V3: 1 – 5 V DC INSTALLATION Power Consumption •AC: Max. 2 VA •DC: Approx. 0.5 W Operating temperature: -20 to +55°C (-4 to +131°F) Operating humidity: 30 to 90 %RH (non-condensing) Mounting: Installation Base (model: M6DBS) or DIN rail Weight: 65 g (2.3 oz) PERFORMANCE in percentage of span Cold junction compensation error (thermocouple input): ±3°C at 25 ±10°C ±5.4°F at 77 ±18°F Temp. coefficient: ±0.01 %/°C (±0.006 %/°F) of max. span Response time: (0 – 90 %) DC voltage or current: ≤ 0.5 s Thermocouple, RTD, potentiometer: ≤ 1 s Burnout response time (thermocouple, RTD, potentiometer input): ≤ 10 s Line voltage effect: ±0.1 % over voltage range Insulation resistance: ≥ 100 MΩ with 500 V DC Dielectric strength: 2000 V AC @1 minute (input to output to power to ground) Accuracy • DC voltage or current Accuracy: Input accuracy + output accuracy Inversely proportional to the span. Input accuracy: (% of range) -1000 – +1000 mV : ±0.01 % -10 – +10 V : ±0.01 % 0 – 50 mA : ±0.02 % (Except the accuracy of input resistor.) Output accuracy: ±0.04% of max. output range [Example] Input Type -10 – +10 V, Input Range 1 – 5 V, Output Type -5 – +5 V, Output Range 1 – 5 V Input accuracy = Max. Input Range (20 V) ÷ Span (4 V) × 0.01 % = 0.05 % Output accuracy = Max. Output Range (10 V) ÷ Span (4 V) × 0.04 % = 0.1 % Accuracy= ±0.15 % • Thermocouple Overall accuracy: Input accuracy + output accuracy Input accuracy: Accuracy + Cold Junction Compensation Error 3°C (5.4°F) Output accuracy: Max. Output Range ÷ Span × ±0.04% T/C ACCURACY (°C) CONFORMANCE RANGE (°C) (PR) ±1.00 0 – 1760 K (CA) ±0.25 -150 – +1370 E (CRC) ±0.20 -170 – +1000 J (IC) ±0.25 -180 – +1200 T (CC) ±0.25 -170 – +400 B (RH) ±0.75 400 – 1760 R ±0.50 200 – 1760 S ±0.50 0 – 1760 N ±0.30 -130 – +1300 T/C ACCURACY (°F) CONFORMANCE RANGE (°F) (PR) ±1.80 32 – 3200 K (CA) ±0.45 -238 – +2498 E (CRC) ±0.36 -274 – +1832 J (IC) ±0.45 -292 – +2192 T (CC) ±0.45 -274 – +752 B (RH) ±1.35 752 – 3200 R ±0.90 392 – 3200 S ±0.90 32 – 3200 N ±0.54 -202 – +2372 [Example] K thermocouple, 0 – 1000°C, 4 – 20 mA DC |