| Zakładka z wyszukiwarką danych komponentów |
|
M2UDS2-Z0-R2/Q Arkusz danych(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
M2UDS2-Z0-R2/Q Arkusz danych(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 4 page ![]() MODEL: M2UDS2 M2UDS2 SPECIFICATIONS ES-5101 Rev.6 Page 3/4 http://www.m-system.co.jp/ EXTERNAL VIEW ■ FRONT VIEW ■ SIDE VIEW OFF ON 1 2 3 4 SW1 Output Function Setting Zero Adj. Span Adj. Status Indicator LED1 Status Indicator LED2 Refer to the instruction manual for detailed procedures. EXTERNAL DIMENSIONS unit: mm (inch) 5 9 21.5 (.85) 84 (3.31) 10 (.39) 15 (.59) 6 (.23) DIN RAIL 35mm wide [4 (.16)] 8–M3 SCREW 23 (.91) 2–4.2x5 (.17x.20) MTG HOLE 6 (.24) deep 114 (4.49) • When mounting, no extra space is needed between units. 4 8 12 14 13 1 TERMINAL ASSIGNMENTS unit: mm (inch) 5 8 9 12 14 13 INPUT RESISTOR (model: REM2) Input shunt resistor attached for current input. 1 4 |