| Zakładka z wyszukiwarką danych komponentów |
|
M8XR2-6V2V2-R Arkusz danych(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
M8XR2-6V2V2-R Arkusz danych(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 5 page ![]() MODEL: M8XR2 M8XR2 SPECIFICATIONS ES-5471 Rev.8 Page 3/5 http://www.m-system.co.jp/ HOW TO CALCULATE THE ACCURACY ■ Overall Accuracy [Example] Pt 100, 0 – 700°C, 1 – 5 V output Input Accuracy = Max. Range ÷ Input Span × Input Accuracy = 1050 ÷ 700 × 0.02 = 0.03 Output Accuracy = Max. Range ÷ Output Span × Output Accuracy = 20 ÷ 4 × 0.02 = 0.1 Overall Accuracy = 0.03 + 0.1 = ±0.13 % ■ Accuracy with a User’s Temperature Table Custom input accuracy + output accuracy (Inversely proportional to the span) Input Accuracy: (a) Ω ÷ Input Span × 100 % where (a) is 100mΩ or [Max. Range × 0.2 %], whichever is greater. The accuracy applies only at the user’s calibration points. Data between each point is approximated with a linear line, thus is not applicable. Output Accuracy: ≤ ±0.04 % [Example] 100 – 200 Ω input, 1 – 5 V output (a) is the greater value among: 200 Ω × 0.2 % = 400 mΩ, or 100 mΩ, thus 400 mΩ is selected. Input Accuracy = 400 mΩ ÷ 100 Ω × 100 = 0.4 Output Accuracy = 20 ÷ 4 × 0.04 = 0.2 Overall Accuracy = 0.4 + 0.2 = ±0.6 % 50 100 150 200 250 0 10 20 30 40 50 60 °C Ω Approximated Line Data Point Actual Line |