| Zakładka z wyszukiwarką danych komponentów |
|
M8YV-H99-R Arkusz danych(PDF) 2 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
M8YV-H99-R Arkusz danych(HTML) 2 Page - M-System Co.,Ltd. |
|
2 / 3 page ![]() MODEL: M8YV M8YV SPECIFICATIONS ES-5460 Rev.12 Page 2/3 http://www.m-system.co.jp/ GENERAL SPECIFICATIONS Construction: Plug-in Mounting screw: M3 screw (torque 0.3 N·m) Housing material: Flame-resistant resin (black) Power supply: Via the Installation Base terminals (model: M8BSx) Isolation: Input to output 1 to output 2 to power Zero adjustment: -2 to +2 % (front) (±1 % with the input suffix codes 4W and 5W selected) Span adjustment: 98 to 102 % (front) (99 to 101 % with the input suffix codes 4W and 5W selected.) At burnout: Downscale ≤ -5 % INPUT SPECIFICATIONS ■ DC Current: Input resistor incorporated Specify input resistance value for code Z. (R ≤ 0.25 W ÷ [F.S. Current]2) ■ DC Voltage: -10 – +10 V DC Minimum span: 1 V Offset: Max. 1.5 times span Input resistance: 1 MΩ min. (10 kΩ min. at loss of power) Burnout sensing: Approx. 13 μA INSTALLATION Current consumption: Approx. 20 mA (40 mA for current output) Operating temperature: 0 to 55°C (32 to 131°F) Operating humidity: 30 to 95 %RH (non-condensing) Mounting: Installation Base (model: M8BSx) Weight: 70 g (2.5 oz) PERFORMANCE in percentage of span Accuracy: ±0.1 % Temp. coefficient: ±0.02 %/°C (±0.01 %/°F) Line voltage effect: ±0.1 % over voltage range Insulation resistance: ≥ 100 MΩ with 500 V DC Dielectric strength: 1500 V AC @1 minute (input to output 1 or output 2 or power to ground) 500 V AC @1 minute (output 1 to output 2 to power) SWC test: ANSI/IEEE-C37.90.1-1989 |