| Zakładka z wyszukiwarką danych komponentów |
|
W2RS-1A1-R Arkusz danych(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
W2RS-1A1-R Arkusz danych(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 4 page ![]() MODEL: W2RS W2RS SPECIFICATIONS ES-5513 Rev.17 Page 4/4 http://www.m-system.co.jp/ EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch) 4 8 7 10 21.5 (.87) 84 (3.31) 10 (.39) 22 (.87) DIN RAIL 35mm wide [4 (.16)] 11–M3 SCREW 29.5 (1.16) 2–4.2x5 (.17x.20) MTG HOLE 6 (.24) deep 114 (4.49) 11 5 6 1 2 3 9 6 (.23) • When mounting, no extra space is needed between units. SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM 1 2 4 5 Base Socket 9 Burnout Linearizer Constant Current Constant Current Differential Amplifier + – Reference Resistor U(+) V(–) POWER 10 11 + – OUTPUT 1 + – Isolation S Z Output Driver S Z Output Driver OUTPUT 2 7 8 3 6 Note: The section enclosed by broken line is only with 2nd output option. A B B RTD Specifications are subject to change without notice. |