| Zakładka z wyszukiwarką danych komponentów |
|
WAC-AB2A-R Arkusz danych(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
WAC-AB2A-R Arkusz danych(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 3 page ![]() MODEL: WAC WAC SPECIFICATIONS ES-2236 Rev.8 Page 3/3 http://www.m-system.co.jp/ EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch) 5 6 7 8 2 1 11 10 50 (1.97) 107 (4.21) 136 (5.35) [3.3 (.13)] 40 (1.57) 50 (1.97) 7.8 (.31) CLAMP (top & bottom) DIN RAIL 35mm wide 2–4.5 (.18) dia. MTG HOLE 25 (.98) deep 11–M3.5 SCREW • When mounting, no extra space is needed between units. 3 9 4 SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM ** * Base Socket * Input shunt resistor incorporated for current input ** Option /E INPUT 5 R.M.S. Operation 6 4 3 AC Amplifier U(+) V(–) POWER 7 8 + – OUTPUT 1 1 2 + – 10 11 Isolation S Z Output Driver S Z Output Driver OUTPUT 2 9 Specifications are subject to change without notice. |