| Zakładka z wyszukiwarką danych komponentów |
|
B65651-W-R30 Arkusz danych(PDF) 5 Page - EPCOS |
|
|
|||||||||||||||||||||||||||||
B65651-W-R30 Arkusz danych(HTML) 5 Page - EPCOS |
|
5 / 6 page ![]() 337 08/01 Adjusting screw I Tube core with thread and core brake made of GFR polyterephthalate Plastic adjusting screwdriver (not shown) Plastic handle for adjusting screwdriver (not shown) Adjusting screw a b c Core P 18 × 11 Adjusting screw Min. adjusting range % Ordering code Tube core Material AL value nH Fig. ∅ × length mm Material Color code K 1 40 a 2,62 × 3,6 Si 1 white 13 B65659-F1-X101 M 33 100 a 2,62 × 3,6 Si 1 white 10 B65659-F1-X101 N 48 160 a 2,62 × 3,6 Si 1 white 7 B65659-F1-X101 250 a 2,62 × 3,6 K 1 green 10 B65659-F1-X1 315 400 b 2,75 × 4,4 N 22 black 16 12 B65659-F3-X23 400 500 c 2,82 × 4,4 N 22 yellow 16 13 B65659-F4-X23 Adjusting screwdriver B63399-B4 Handle B63399-B5 B63399 B65659 Accessories P 18 × 11 |