| Zakładka z wyszukiwarką danych komponentów |
|
WJM-1DC-R Arkusz danych(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
WJM-1DC-R Arkusz danych(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 3 page ![]() MODEL: WJM WJM SPECIFICATIONS ES-2265 Rev.9 Page 3/3 http://www.m-system.co.jp/ EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch) 5 6 7 8 2 1 11 10 50 (1.97) 107 (4.21) 136 (5.35) [3.3 (.13)] 40 (1.57) 50 (1.97) 7.8 (.31) CLAMP (top & bottom) DIN RAIL 35mm wide 2–4.5 (.18) dia. MTG HOLE 25 (.98) deep 11–M3.5 SCREW • When mounting, no extra space is needed between units. 3 9 4 SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM Base Socket Low Drift Amplifier 3 Digital Computation SERIAL TRANSMISSION LINE PU-2x MODULAR JACK 4 5 3 2 1 POTENTIOMETER max. min. 6 Reference Volt. Generator U(+) V(–) POWER 7 8 + – + – OUTPUT 1 1 2 + – 10 11 Isolation S Z Output Driver S Z Output Driver OUTPUT 2 9 Specifications are subject to change without notice. |