| Zakładka z wyszukiwarką danych komponentów |
|
18KTS-866-R Arkusz danych(PDF) 2 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
18KTS-866-R Arkusz danych(HTML) 2 Page - M-System Co.,Ltd. |
|
2 / 4 page ![]() MODEL: 18KTS 18KTS SPECIFICATIONS ES-0412 Rev.1 Page 2/4 http://www.m-system.co.jp/ INPUT SPECIFICATIONS Input resistance: 20 kΩ minimum Burnout sensing: 0.1 μA Minimum span: 3 mV Offset: Max. 1.5 times span Minimum span (in °C) (PR): 370°C K (CA): 75°C E (CRC): 50°C J (IC): 60°C T (CC): 75°C B (RH): 780°C R: 360°C S: 380°C N: 110°C Minimum span (in °F) (PR): 670°F K (CA): 140°F E (CRC): 90°F J (IC): 110°F T (CC): 140°F B (RH): 1410°F R: 650°F S: 690°F N: 200°F For the temperatures that range below 0°C, the transmitter may partially not satisfy the described accuracy. Consult factory. INSTALLATION Current consumption: Approx. 35 mA with voltage output Approx. 65 mA with current output Operating temperature: -5 to +55°C (23 to 131°F) Operating humidity: 30 to 90 %RH (non-condensing) Mounting: Standard Rack 18KBXx Weight: 150 g (0.33 lb) PERFORMANCE in percentage of span Accuracy: ±0.4 % (at over 400°C or 750°F for R, S and PR; over 770°C or 1420°F for B) Cold junction compensation error (at 20°C ±10°C or 68°F ±18°F) K, E, J, T, N: ±0.5°C or ±0.9°F S, R, PR: ±1°C or ±1.8°F Temp. coefficient: ±0.015 %/°C (±0.008 %/°F) (at over 400°C or 750°F for R, S and PR; over 770°C or 1420°F for B) Response time: ≤ 0.5 sec. (0 – 90 %) Burnout response: ≤ 10 sec. Line voltage effect: ±0.1 % over voltage range Insulation resistance: ≥ 100 MΩ with 500 V DC Dielectric strength: 500 V AC @ 1 minute (input to output 1 to output 2 to power to ground) |