Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

40DPT-V4-R Arkusz danych(PDF) 5 Page - M-System Co.,Ltd.

Numer części 40DPT-V4-R
Szczegółowy opis  Digital Panel Meters 40 Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MSYSTEM [M-System Co.,Ltd.]
Strona internetowa  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

40DPT-V4-R Arkusz danych(HTML) 5 Page - M-System Co.,Ltd.

  40DPT-V4-R Datasheet HTML 1Page - M-System Co.,Ltd. 40DPT-V4-R Datasheet HTML 2Page - M-System Co.,Ltd. 40DPT-V4-R Datasheet HTML 3Page - M-System Co.,Ltd. 40DPT-V4-R Datasheet HTML 4Page - M-System Co.,Ltd. 40DPT-V4-R Datasheet HTML 5Page - M-System Co.,Ltd. 40DPT-V4-R Datasheet HTML 6Page - M-System Co.,Ltd. 40DPT-V4-R Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MODEL: 40DPT
40DPT SPECIFICATIONS
ES-9537 Rev.7 Page 5/7
https://www.m-system.co.jp/
• Input scaling
Zero and full scale of input range can be re-configured to user's desired value by entering parameters.
When initialization of setting is executed, these data is lost and return to the default value.
Input Scaling Value A:
Input value for zero point
(Input scaling value A < Input scaling value B)
Enter the value you want to set to zero in the measurement range.
Input Scaling Value B:
Input value for full scale point
Enter the value you want to set to full scale in the measurement range.
• Display scaling
Display Scaling Value A:
Display value for Input Scaling Value A
Display Scaling Value B:
Display value for Input Scaling Value B
• Normal Scaling
The display value increases when the input signal increases.
• Inverted Scaling
The display value decreases when the input signal increases.
A
A
B
B
Display
Zero
Full Scale
Input
Input Scaling
Display Scaling
B
A
B
A
Display
Full Scale
Zero
Input
Input Scaling
Display Scaling
Decimal point position: Decimal point position is specified independently from the scaling. When you set the display scaling, include zeros
for fractions.
■ DISPLAY SETTING MODE
PARAMETER
ITEM DISPLAY
DISPLAY
FUNCTION
Moving Average
No moving averaging
Moving average with 2 samples
Moving average with 4 samples
Moving average with 8 samples
Moving average with 16 samples
Brightness
Brightness level 0 (dark)
Brightness level 1
Brightness level 2
Brightness level 3
Brightness level 4
Brightness level 5 (bright)
Initialization
Non-initialization
Initialize settings (change to factory settings) *1
Version Indication
–
–
Version number, indication only
*1. While “on” is shown, pressing Shift button initializes settings.
When initialization of setting is executed, existing each parameter setings are lost and return to default value.
Be aware that settings does not return to the ex-factory settings specied by /SET option.
−
DEFAULT
VALUE



Html Pages

1 2 3 4 5 6 7