| Zakładka z wyszukiwarką danych komponentów |
|
61D-042-R Arkusz danych(PDF) 2 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
61D-042-R Arkusz danych(HTML) 2 Page - M-System Co.,Ltd. |
|
2 / 4 page ![]() MODEL: 61D 61D SPECIFICATIONS ES-6629 Rev.14 Page 2/4 https://www.m-system.co.jp/ Note: In the firmware version 3.00 or later, analog input range 0 – 100% can be converted into hexadecimal 0000 – 2710 (0 – 10000). In addition, negative values of analog input range -15 to 0% can be converted into signed absolute values. Refer to the instruction manual for details. OUTPUT SPECIFICATIONS ■ Analog Output Output range: 1 – 5 V DC Load resistance: 20 kΩ minimum (Output must be isolated with signal conditioners. When the transmission line is open, the last value sampled before failure is held. Non-isolated modules such as M2BW and M8BW are not usable. ) D/A conversion output: 16-bit binary Signal range 0 – 100 % is converted into hexadecimal 0000 – 1770 (0 – 6000). -15 to 0 % is represented by 2’s complements. Overall range is represented by hexadecimal FC7C – 1AF4 (-900 – +6900), for -15 – +115 %. Note: In the firmware version 3.00 or later, analog output range 0 – 100% can be converted into hexadecimal 0000 – 2710 (0 – 10000). In addition, negative values of analog output range -15 to 0% can be converted into signed absolute values. Refer to the instruction manual for details. INSTALLATION Power consumption •AC: Approx. 4 VA •DC: Approx. 4 W (160 mA) Supply voltage to network: 11 – 25 V DC supplied through the network terminal block Supply current to network: 60 mA max. @ 24 V Operating temperature: -5 to +55°C (23 to 131°F) Operating humidity: 30 to 90 %RH (non-condensing) Atmosphere: No corrosive gas or heavy dust Mounting: Installation Base (model: MxBS2) Weight: 250 g (0.55 lb) PERFORMANCE in percentage of span A/D conversion: ±0.1 % D/A conversion: ±0.1 % Temp. coefficient: ±0.015 %/°C (±0.008 %/°F) Permissible power failure duration: ≤ 10 msec. Insulation resistance: ≥ 100 MΩ with 500 V DC Dielectric strength: 1500 V AC @ 1 minute (I/O to DeviceNet to power) STANDARDS & APPROVALS EU conformity: EMC Directive EMI EN 61000-6-4 EMS EN 61000-6-2 RoHS Directive |