Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

73VR3100-N-M2/Q Arkusz danych(PDF) 11 Page - M-System Co.,Ltd.

Numer części 73VR3100-N-M2/Q
Szczegółowy opis  Paperless Recording System
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MSYSTEM [M-System Co.,Ltd.]
Strona internetowa  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

73VR3100-N-M2/Q Arkusz danych(HTML) 11 Page - M-System Co.,Ltd.

Back Button 73VR3100-N-M2/Q Datasheet HTML 6Page - M-System Co.,Ltd. 73VR3100-N-M2/Q Datasheet HTML 7Page - M-System Co.,Ltd. 73VR3100-N-M2/Q Datasheet HTML 8Page - M-System Co.,Ltd. 73VR3100-N-M2/Q Datasheet HTML 9Page - M-System Co.,Ltd. 73VR3100-N-M2/Q Datasheet HTML 10Page - M-System Co.,Ltd. 73VR3100-N-M2/Q Datasheet HTML 11Page - M-System Co.,Ltd. 73VR3100-N-M2/Q Datasheet HTML 12Page - M-System Co.,Ltd. 73VR3100-N-M2/Q Datasheet HTML 13Page - M-System Co.,Ltd. 73VR3100-N-M2/Q Datasheet HTML 14Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
MODEL: 73VR3100
73VR3100 SPECIFICATIONS
ES-7397 Rev.30 Page 11/14
http://www.m-system.co.jp/
File format: Binary
Oldest measured data and alarm history data are
overwritten with new data when the card memory is full.
• USB memory
Indicated interval data (except alarm history and comment
history) stored in USB memory as CSV file is operable (even
during storing)
■ ALARM (Available with 0.5 sec. or longer storing rates)
• Analog Alarm
Alarm setpoints: Max. 4 points per channel
Alarm type: High / Low
Deadband: Set in engineering unit values
Output: At the R3-DC16, R3-DC32A and R3-DAC16A
• Discrete Alarm
Alarm type: Either ON or OFF status can be set as alarm.
Delay time: Alarm trips after a specified time delay.
Output: At the R3-DC16, R3-DC32A and R3-DAC16A
• Alarm Data Storage
Stored information: Date/time of alarm events (trip and
reset), Pen No., Tag Name and Alarm Message
Number of stored alarm events: Depends upon the CF Card
capacity.
128 MB 250 events
256 MB 500 events
512 MB or 1 GB 1000 events
■ CALCULATION FUNCTIONS
Number of channels
20 msec. or 0.1 sec. storing rates: 16 channels
0.5 sec. or longer storing rates: 64 channels
Operations
Arithmetic: Addition/subtraction, Multiplication, Division
Logical: AND, OR, NOT, XOR
Mathematical: Square root extractor, Power
Accumulation: Analog accumulation, Pulse accumulation
(per time unit)
Filter: Moving average, First order lag
Hold: Peak (maximum) hold (tracking increasing signal),
Peak (minimum) hold (tracking decreasing signal)
F value: F value
Anemoscope: 16 directions
Alarm
Alarm trip can be programmed for calculated results.
■ DATA DISPLAY FUNCTIONS
From Ver.6.03.09,Overview, Trend and Bargraph views are
updated even while "stop" operation status.
• Trend View
Chart direction: Perpendicular or horizontal
Number of pens displayed: 2, 4, 6, 8 per view
Number of display views: 4
Chart speed: pixel(s)/samples
4 (Not selectable with the storing rate 20 millisec.), 1, 1/5,
1/32, 1/160 (Not selectable with the storing rates 20 msec.
and 0.1 sec.), 1/480 (Not selectable with the storing rates
20 msec. and 0.1 sec.) or 1/960 (Not selectable with the
storing rates 20 msec. and 0.1 sec.)
(Chart speed is described as number of pixels to plot single
data sample.)
Display rate: 1 sec.
Pen thickness: Normal and wide
Digital indicator: Shows momentary value.
Alarm indicator: Shows alarm status of the channels
displayed on the screen.
Comment: Shows comments entered manually.
Scale: Linear and square root;
Switchable to the engineering unit scale.
Scroll and stop trend view is available (only in Chart speed:
4 or 1)
• Bargraph View
Bargraph direction: Perpendicular or horizontal
Number of pens displayed: 2, 4, 6, 8 per view
Number of display views: 4
Display rate: 1 sec.
Digital indicator: Shows momentary value.
Alarm indicator: Shows alarm status of the channels
displayed on the screen.
Scale: Linear and square root; Switchable to the engineering
unit scale.
• Overview
Number of pens displayed: 2, 4, 6, 8, 16 per view
Number of display views: 64
Display rate: 1 sec.
Alarm indicator: Shows alarm status and date/time of the
last alarm trip and reset for the channels displayed on the
screen.
• Retrieve View: Shows data stored in the CF Card.
Number of pens displayed: 2, 4, 6, 8 per view
Number of display views: 4
Data search: Scrolling the chart, specifying a specific time
index, or searching by max./min. values.
Data readout: Reading data pointed by the cursor on the
screen and showing the readout value.
• Alarm History View: Shows data stored in the alarm
history file.
Number of displayed alarm events: 16
Number of display views: 1
Display items: Date/time of alarm events (trip and reset),
Pen No., Tag Name and Alarm Message
Display update: Automatically updated by a new event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com