| Zakładka z wyszukiwarką danych komponentów |
|
B3VS/1-6 Arkusz danych(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
B3VS/1-6 Arkusz danych(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 3 page ![]() MODEL: B3VS/1 B3VS/1 SPECIFICATIONS ES-7524 Rev.5 Page 3/3 https://www.m-system.co.jp/ EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm [inch] 10 11 12 7 8 9 18 (.71) 110.5 (4.35) [5 (.20)] DIN RAIL 35mm wide • When mounting, no extra space is needed between units. SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM 12 mA MONITOR – 7 8 9 + – LOAD 11 10 OUTPUT 24 V DC 4 – 20 mA DC + – Ch.1 INPUT * Input shunt resistor incorporated for current input. Isolation S Z Low Drift Amplifier Output Driver * Specifications are subject to change without notice. |