| Zakładka z wyszukiwarką danych komponentów |
|
ADPD4100 Arkusz danych(PDF) 74 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADPD4100 Arkusz danych(HTML) 74 Page - Analog Devices |
|
74 / 101 page ![]() ADPD4100/ADPD4101 Data Sheet Rev. 0 | Page 74 of 101 Addr Name Bits Bit Name Description Reset Access1 0x0002 INT_STATUS_LEV0 [15:12] Reserved Reserved. 0x0 R 11 INT_LEV0_L Time Slot L Level 0 interrupt status. This bit is set during a data register update when the configured criteria is met. 0x0 R/W1C 10 INT_LEV0_K Time Slot K Level 0 interrupt status. This bit is set during a data register update when the configured criteria is met. 0x0 R/W1C 9 INT_LEV0_J Time Slot J Level 0 interrupt status. This bit is set during a data register update when the configured criteria is met. 0x0 R/W1C 8 INT_LEV0_I Time Slot I Level 0 interrupt status. This bit is set during a data register update when the configured criteria is met. 0x0 R/W1C 7 INT_LEV0_H Time Slot H Level 0 interrupt status. This bit is set during a data register update when the configured criteria is met. 0x0 R/W1C 6 INT_LEV0_G Time Slot G Level 0 interrupt status. This bit is set during a data register update when the configured criteria is met. 0x0 R/W1C 5 INT_LEV0_F Time Slot F Level 0 interrupt status. This bit is set during a data register update when the configured criteria is met. 0x0 R/W1C 4 INT_LEV0_E Time Slot E Level 0 interrupt status. This bit is set during a data register update when the configured criteria is met. 0x0 R/W1C 3 INT_LEV0_D Time Slot D Level 0 interrupt status. This bit is set during a data register update when the configured criteria is met. 0x0 R/W1C 2 INT_LEV0_C Time Slot C Level 0 interrupt status. This bit is set during a data register update when the configured criteria is met. 0x0 R/W1C 1 INT_LEV0_B Time Slot B Level 0 interrupt status. This bit is set during a data register update when the configured criteria is met. 0x0 R/W1C 0 INT_LEV0_A Time Slot A Level 0 interrupt status. This bit is set during a data register update when the configured criteria is met. 0x0 R/W1C 0x0003 INT_STATUS_LEV1 [15:12] Reserved Reserved. 0x0 R 11 INT_LEV1_L Time Slot L Level 1 interrupt status. This bit is set during a data register update when the configured criteria is met. 0x0 R/W1C 10 INT_LEV1_K Time Slot K Level 1 interrupt status. This bit is set during a data register update when the configured criteria is met. 0x0 R/W1C 9 INT_LEV1_J Time Slot J Level 1 interrupt status. This bit is set during a data register update when the configured criteria is met. 0x0 R/W1C 8 INT_LEV1_I Time Slot I Level 1 interrupt status. This bit is set during a data register update when the configured criteria is met. 0x0 R/W1C 7 INT_LEV1_H Time Slot H Level 1 interrupt status. This bit is set during a data register update when the configured criteria is met. 0x0 R/W1C 6 INT_LEV1_G Time Slot G Level 1 interrupt status. This bit is set during a data register update when the configured criteria is met. 0x0 R/W1C 5 INT_LEV1_F Time Slot F Level 1 interrupt status. This bit is set during a data register update when the configured criteria is met. 0x0 R/W1C 4 INT_LEV1_E Time Slot E Level 1 interrupt status. This bit is set during a data register update when the configured criteria is met. 0x0 R/W1C 3 INT_LEV1_D Time Slot D Level 1 interrupt status. This bit is set during a data register update when the configured criteria is met. 0x0 R/W1C 2 INT_LEV1_C Time Slot C Level 1 interrupt status. This bit is set during a data register update when the configured criteria is met. 0x0 R/W1C 1 INT_LEV1_B Time Slot B Level 1 interrupt status. This bit is set during a data register update when the configured criteria is met. 0x0 R/W1C 0 INT_LEV1_A Time Slot A Level 1 interrupt status. This bit is set during a data register update when the configured criteria is met. 0x0 R/W1C 0x0004 INT_STATUS_TC1 [15:12] Reserved Reserved. 0x0 R 11 INT_TCLN1_L Time Slot L Channel 1 ceiling detection interrupt status. This bit is set during a data register update when Channel 1 exceeds the threshold level during Time Slot L. 0x0 R/W1C 10 INT_TCLN1_K Time Slot K Channel 1 ceiling detection interrupt status. This bit is set during a data register update when Channel 1 exceeds the threshold level during Time Slot K. 0x0 R/W1C |