| Zakładka z wyszukiwarką danych komponentów |
|
ADPD4101 Arkusz danych(PDF) 86 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADPD4101 Arkusz danych(HTML) 86 Page - Analog Devices |
|
86 / 101 page ![]() ADPD4100/ADPD4101 Data Sheet Rev. 0 | Page 86 of 101 I/O SETUP AND CONTROL REGISTERS Table 35. I/O Setup and Control Register Details Addr Name Bits Bit Name Description Reset Access 0x0022 GPIO_CFG [15:14] GPIO_SLEW Slew control for GPIOx pins. 0x0 R/W 0: slowest. 1: slow. 10: fastest. 11: fast. [13:12] GPIO_DRV Drive control for GPIOx pins. 0x0 R/W 0: medium. 1: weak. 10: strong. 11: strong. [11:9] GPIO_PIN_CFG3 GPIO3 pin configuration. 0x0 R/W 000: disabled (tristate, input buffer off). 001: enabled input. 010: output—normal. 011: output—inverted. 100: pull-down only—normal. 101: pull-down only—inverted. 110: pull-up only—normal. 111: pull-up only—inverted. [8:6] GPIO_PIN_CFG2 GPIO2 pin configuration. 0x0 R/W 000: disabled (tristate, input buffer off). 001: enabled input. 010: output—normal. 011: output—inverted. 100: pulldown only—normal. 101: pull-down only—inverted. 110: pull-up only—normal. 111: pull-up only—inverted. [5:3] GPIO_PIN_CFG1 GPIO1 pin configuration. 0x0 R/W 000: disabled (tristate, input buffer off). 001: enabled input. 010: output—normal. 011: output—inverted. 100: pull-down only—normal. 101: pull-down only—inverted. 110: pull-up only—normal. 111: pull-up only—inverted. [2:0] GPIO_PIN_CFG0 GPIO0 pin configuration. 0x0 R/W 000: disabled (tristate, input buffer off). 001: enabled input. 010: output—normal. 011: output—inverted. 100: pull-down only—normal. 101: pull-down only—inverted. 110: pull-up only—normal. 111: pull-up only—inverted. |