Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

EVALMASTERGAN4 Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części EVALMASTERGAN4
Szczegółowy opis  Demonstration board for MASTERGAN4 high power density half-bridge high voltage driver with two 650 V enhanced mode GaN HEMT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVALMASTERGAN4 Arkusz danych(HTML) 4 Page - STMicroelectronics

  EVALMASTERGAN4 Datasheet HTML 1Page - STMicroelectronics EVALMASTERGAN4 Datasheet HTML 2Page - STMicroelectronics EVALMASTERGAN4 Datasheet HTML 3Page - STMicroelectronics EVALMASTERGAN4 Datasheet HTML 4Page - STMicroelectronics EVALMASTERGAN4 Datasheet HTML 5Page - STMicroelectronics EVALMASTERGAN4 Datasheet HTML 6Page - STMicroelectronics EVALMASTERGAN4 Datasheet HTML 7Page - STMicroelectronics EVALMASTERGAN4 Datasheet HTML 8Page - STMicroelectronics EVALMASTERGAN4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Ref.
Pin #
Name
Function
Description
J3
4
LIN
OUT (INPUT)
digital
The pin is connected to LIN pin of MASTERGAN4: the pin can be
used either to monitor the output of the deadtime generator or to force
the input to MASTERGAN4 according to the status of R7 (see table 2)
J4
1,2,3
HV
INPUT power
These three pins are connected to VS pins of MASTERGAN4:
connect high voltage potential to this pin according to MASTERGAN4
recommended values (520V)
J5
1,2,3
OUT
OUTPUT
power
These three pins are connected to OUT pins of MASTERGAN4:
connect the load to this terminal (resonant tanks, transformers,…)
J6
1,2,3
LS_S
POWER
These three pins are connected to SENSE pins of MASTERGAN4: the
board is configured with shorted sense resistor (R15), therefore this
pin can be connected to the reference voltage of high voltage potential
(GND_P)
J12
1
VCC
INPUT power Board supply voltage: set to a value between 4.5V and 6V
2
GND
POWER
Board reference potential
CN1
GH
OUTPUT
To be used with proper MMCX male connector to monitor the GH pin
of MASTERGAN4 with high bandwidth, high voltage differential probes
(optically isolated probes are recommended)
CN2
GL
OUTPUT
To be used with proper MMCX male connector to monitor the GL pin
of MASTERGAN4 with high bandwidth differential probes (optically
isolated probes are recommended)
Table 2. Device input selection
R4, R7
Input source
Function and description
0-47 Ω
(closed)
J2: PWM pin
LIN & HIN are generated by the on-board deadtime generator from a single PWM
signal on J2, PIN 7.
Open
J3: LIN & HIN pin
Direct connection to LIN & HIN MASTERGAN4 pins.
LIN, HIN input range: up to 20 V
Table 3. Input signal truth table
SD_IN
PWM
LIN
HIN
L
X
L
L
H
L
H
L
H
H
L
H
The recommended power-on sequence is to turn VCC on first, then apply the HV bus voltage. The recommended
power-off sequence is to turn off the HV bus supply first, then VCC.
EVALMASTERGAN4
Board power-up and input connection
DB4430 - Rev 1
page 4/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13