Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STEVAL-ETH001V1 Arkusz danych(PDF) 10 Page - STMicroelectronics

Numer części STEVAL-ETH001V1
Szczegółowy opis  Servo drive solution for multi-axial position control with Ethernet real-time
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ETH001V1 Arkusz danych(HTML) 10 Page - STMicroelectronics

Back Button STEVAL-ETH001V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ETH001V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-ETH001V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-ETH001V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-ETH001V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-ETH001V1 Datasheet HTML 9Page - STMicroelectronics STEVAL-ETH001V1 Datasheet HTML 10Page - STMicroelectronics STEVAL-ETH001V1 Datasheet HTML 11Page - STMicroelectronics STEVAL-ETH001V1 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Figure 9. STEVAL-ETH001V1 circuit schematic (9 of 10)
A+/ H1
Z+/ H3
ENC/ HALL_VCC
GND
B+/ H2
Encoder/Hall Sensor
3v3
+5V
3v3
3v3
+5V
3v3
3v3
3v3
3v3
MC_ENC_A+/H1
MC_ENC_B+/H2
MC_ENC_Z+/H3
RS485_RX
RS485_TX
RS485_EN
RS-485_TX_CLK
D21
BAT30KFILM
N.M.
R143 510R
R142
0R
N.M.
C126
10nF
10V
R153
10k
C125
100nF
R207 0R
U18
Encoder Connector
1
2
3
4
5
6
R149 510R
J10
Encoder HALL SENSOR
1
2
3
4
5
R148
1.8k
C122
10pF
R150
60.4R
J12
SOLDER JUMPER3
1
2
3
D20
BAT30KFILM
N.M.
R156 510R
D22
BAT30KFILM
N.M.
R144
60.4R
R145
10k
N.M.
R157
60.4R
R154 510R
R206 0R
J11
SOLDER JUMPER3
1
2
3
R155
60.4R
R146
10k
N.M.
R151
1.8k
C123
10pF
U19
ST3485EI
1
RO
2
RE
3
DE
4
DI
5
GND
6
A
7
B
8
Vcc
C121
10nF
10V
R147
10k
N.M.
C124
10pF
R152
1.8k
U17
ST3485EI
1
RO
2
RE
3
DE
4
DI
5
GND
6
A
7
B
8
Vcc
Enc/Hall_Vcc
Enc/Hall_Vcc
Supply votage
RS485_EN
R207 0R
U18
Encoder Connector
1
2
3
4
5
6
R150
60.4R
R144
60.4R
C121
10nF
10V
Supply votage
Encoder with Serial Protocol
Figure 10. STEVAL-ETH001V1 circuit schematic (10 of 10)
MC DEBUG DAC
3v3
+15Vcc
+5V
MC_DAC_CH1
MC_DAC_CH2
S1
SPACER M3x20
S2
SPACER M3x20
S3
SPACER M3x20
TP11
5001
S4
SPACER M3x20
TP3
5001
J16
M3 HOLE
N1
NUT M3
TP10
5001
N2
NUT M3
J15
M3 HOLE
J19
Jumper_Female
N3
NUT M3
J20
Jumper_Female
N4
NUT M3
TP14
5001
TP8
5001
TP9
5001
J18
M3 HOLE
J17
M3 HOLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com