| Zakładka z wyszukiwarką danych komponentów |
|
LPCA-651-R Arkusz danych(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
LPCA-651-R Arkusz danych(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 3 page ![]() MODEL: LPCA http://www.m-system.co.jp/ LPCA SPECIFICATIONS ES-1970 Rev.6 Page 3/3 CONNECTION DIAGRAM + – VT OUTPUT 11 12 + – CT OUTPUT 15 16 LOAD SOURCE k l CT L K 5 6 U(+) V(–) 9 10 V U v u FUSE VT LOAD SOURCE 1 2 AUXILIARY POWER * * The transducer can be powered from the input voltage when the voltage is sufficiently stable and meets other supply voltage requirements. EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch) 112 (4.41) [3.3 (.13)] DIN RAIL 35mm wide 8 (.31) M3.5 SCREW (Only on the used terminals) 75 (2.95) TERMINAL COVER 2–5.8 (.23) dia. or 2–4.8 (.18) dia. MTG HOLE 8 (.31) deep •When mounting, no extra space is needed between units. 9 10 11 12 13 14 15 16 1 2 3 4 5 6 7 8 MOUNTING REQUIREMENTS unit: mm (inch) 2–M5 60 (2.36) ■ M5 SCREWS 2–M4 60 (2.36) ■ M4 SCREWS Specifications are subject to change without notice. |