| Zakładka z wyszukiwarką danych komponentów |
|
LSMT2-141A0-R Arkusz danych(PDF) 5 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
LSMT2-141A0-R Arkusz danych(HTML) 5 Page - M-System Co.,Ltd. |
|
5 / 10 page ![]() ES-1954 Rev.6 MODEL LSMT2-1 3-PHASE / 3-WIRE CONNECTION MODEL & SUFFIX CODE SELECTION LSMT2–1❑❑❑❑❑–❑ MODEL CONFIGURATION 1 : 3-phase / 3-wire VOLTAGE INPUT 0 :None 1 :110V AC 2 : 220V AC CURRENT INPUT *1 0 :None 1 :1A AC 5 :5A AC *1 : Alternative choice of V0 or current. ZERO-PHASE VOLTAGE INPUT (V0) *1 0 :None 1 :110V AC 2 : 190V AC DC OUTPUT Current A :4 – 20mA DC G :0 – 1mA DC PULSE / NETWORK OUTPUT 0 : None (with zero-phase voltage input selected) 1 :Watthours M :Modbus AUXILIARY POWER SUPPLY AC Power DC Power M : 85 – 264V AC R : 24V DC V : 48V DC P :110V DC Voltage 4 :0 – 10V DC 5 :0 – 5V DC 6 :1 – 5V DC ORDERING INFORMATION Specify code number and variables (e.g. LSMT2- 1150A1-M). Use Ordering Information Sheet (No. ESU-1954-1). The unit is configured at the factory according to the user's specifications, however, measuring items can be freely selected and assigned to up to 10 output chan- nels via the front panel control switches, except that V0 : zero-phase voltage is available only when speci- fied in ordering. The measuring items are listed below: A = Line current V = Line voltage W = Watt, active power var = var, reactive power PF = Power factor Hz = Frequency V0 = Zero-phase voltage RATING RANGE 0 – 100W -100 – +100W 110V / 1A 0 – 150W -150 – +150W 0 – 166.6W -166.6 – +166.6W 0 – 200W -200 – +200W 0 – 500W -500 – +500W 110V / 5A 0 – 750W -750 – +750W 0 – 833W -833 – +833W 0 – 1000W -1000 – +1000W 0 – 200W -200 – +200W 220V / 1A 0 – 300W -200 – +200W 0 – 333.3W -333.3 – +333.3W 0 – 400W -400 – +400W 0 – 1000W -1000 – +1000W 220V / 5A 0 – 1500W -1500 – +1500W 0 – 1666W -1666 – +1666W 0 – 2000W -2000 – +2000W •Active power Input range and ± can be changed via the front panel. INPUT RANGE •Voltage •Current RATING RANGE 0 – lag 100 var lead 100 – lag 100 var 110V / 1A 0 – lag 150 var lead 150 – lag 150 var 0 – lag 166.6 var lead 166.6 – lag 166.6 var 0 – lag 200 var lead 200 – lag 200 var 0 – lag 500 var lead 500 – lag 500 var 110V / 5A 0 – lag 750 var lead 750 – lag 750 var 0 – lag 833 var lead 833 – lag 833 var 0 – lag 1000 var lead 1000 – lag 1000 var 0 – lag 200 var lead 200 – lag 200 var 220V / 1A 0 – lag 300 var lead 200 – lag 200 var 0 – lag 333.3 var lead 333.3 – lag 333.3 var 0 – lag 400 var lead 400 – lag 400 var 0 – lag 1000 var lead 1000 – lag 1000 var 220V / 5A 0 – lag 1500 var lead 1500 – lag 1500 var 0 – lag 1666 var lead 1666 – lag 1666 var 0 – lag 2000 var lead 2000 – lag 2000 var •Reactive power Input range and lag/lead can be changed via the front panel. •Zero-phase voltage RATING RANGE 110V 0 – 150V 220V 0 – 300V RATING RANGE 1A 0 – 1A 5A 0 – 5A RATING RANGE 110V 0 – 150V 190V 0 – 260V P. 5 / 10 |