| Zakładka z wyszukiwarką danych komponentów |
|
LSMT2-10040-R Arkusz danych(PDF) 8 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
LSMT2-10040-R Arkusz danych(HTML) 8 Page - M-System Co.,Ltd. |
|
8 / 10 page ![]() LSMT2 ES-1954 Rev.6 Specifications subject to change without notice. MODEL LSMT2-3 SINGLE-PHASE / 3-WIRE CONNECTION MODEL & SUFFIX CODE SELECTION LSMT2–3❑❑0❑❑–❑ MODEL CONFIGURATION 3 : Single-phase / 3-wire VOLTAGE INPUT 0 :None A : 100V / 200V AC CURRENT INPUT 0 :None 1 :1A AC 5 :5A AC ZERO-PHASE VOLTAGE INPUT (V0) 0 :None DC OUTPUT Current A :4 – 20mA DC G :0 – 1mA DC PULSE / NETWORK OUTPUT 1 :Watthours M :Modbus AUXILIARY POWER SUPPLY AC Power DC Power M : 85 – 264V AC R : 24V DC V : 48V DC P :110V DC Voltage 4 :0 – 10V DC 5 :0 – 5V DC 6 :1 – 5V DC ORDERING INFORMATION Specify code number and variables (e.g. LSMT2- 3A50A1-M). Use Ordering Information Sheet (No. ESU-1954-3). The unit is configured at the factory according to the user's specifications, however, measuring items can be freely selected and assigned to up to 10 output chan- nels via the front panel control switches. The measuring items are listed below: A = Line current V = Line voltage W = Watt, active power PF = Power factor Hz = Frequency RATING RANGE 0 – 100W -100 – +100W 100/200V / 1A 0 – 150W -150 – +150W 0 – 166.6W -166.6 – +166.6W 0 – 200W -200 – +200W 0 – 500W -500 – +500W 100/200V / 5A 0 – 750W -750 – +750W 0 – 833W -833 – +833W 0 – 1000W -1000 – +1000W •Active power Input range and ± can be changed via the front panel. INPUT RANGE •Voltage •Current RATING RANGE 100V 0 – 150V 200V 0 – 300V RATING RANGE 1A 0 – 1A 5A 0 – 5A Power factor: lead 0.5 – 1 – lag 0.5 lag 0.5 – 1 – lead 0.5 lead 0 – 1 – lag 0 lag 0 – 1 – lead 0 Input range and lag/lead can be changed via the front panel. Frequency: 45 – 55 Hz, 55 – 65 Hz, 45 – 65 Hz Input range can be changed via the front panel. Watthours Ratio:110V at the VT primary 5 – 8000A at the CT primary Pulse unit: 0.01, 0.1, 1, 10, 100, 1000 kWh/pulse CONNECTION DIAGRAM, INPUT 1 P1 2 P0 3 P2 4 5 1S 6 1L CT 2 N 1 SOURCE LOAD VT U u V v V v U u K k 7 8 9 2S 10 2L CT K k A 1 A N A 2 V1N V2N V12 P. 8 / 10 |