Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M7EASV-S15-R Arkusz danych(PDF) 4 Page - M-System Co.,Ltd.

Numer części M7EASV-S15-R
Szczegółowy opis  Super-mini Signal Conditioners with LCD Display M7E-UNIT Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MSYSTEM [M-System Co.,Ltd.]
Strona internetowa  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M7EASV-S15-R Arkusz danych(HTML) 4 Page - M-System Co.,Ltd.

  M7EASV-S15-R Datasheet HTML 1Page - M-System Co.,Ltd. M7EASV-S15-R Datasheet HTML 2Page - M-System Co.,Ltd. M7EASV-S15-R Datasheet HTML 3Page - M-System Co.,Ltd. M7EASV-S15-R Datasheet HTML 4Page - M-System Co.,Ltd. M7EASV-S15-R Datasheet HTML 5Page - M-System Co.,Ltd. M7EASV-S15-R Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MODEL: M7EASV
M7EASV SPECIFICATIONS
ES-7762 Rev.13 Page 4/6
https://www.m-system.co.jp/
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Measurement Category II (output)
Installation Category II (power)
Pollution Degree 2
Input or output to power: Reinforced insulation (300 V)
Input to output: Basic insulation (300 V)
(When 150 V AC max. load voltage or measurement
category I, applicable as reinforced insulation)
RoHS Directive
EXTERNAL VIEW
Refer to the instruction manual for the setting procedure.
LCD Display
Mode Button
Set Button
PC Configurator
Jack
Up Button
Down Button
Up
Down
Mode
Set
EXTERNAL DIMENSIONS unit: mm [inch]
29 [1.14]
94 [3.70]
8
[.31]
124 [4.88]
22 [.87]
6 [.23]
11–M3
SCREW
29.5 [1.16]
2–4.2x5
[.17x.20]
MTG HOLE
6 [.24] deep
DIN RAIL
35mm wide
(4 [.16])
• When mounting, no extra space is needed between units.
4
8 7
10
11
5
6
1
2
3
9



Html Pages

1 2 3 4 5 6