| Zakładka z wyszukiwarką danych komponentów |
|
LTPE-02-R Arkusz danych(PDF) 2 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
LTPE-02-R Arkusz danych(HTML) 2 Page - M-System Co.,Ltd. |
|
2 / 3 page ![]() MODEL: LTPE LTPE SPECIFICATIONS ES-3353 Rev.13 Page 2/3 https://www.m-system.co.jp/ GENERAL SPECIFICATIONS Connection: M4 screw terminals (torque 1.2 N·m) Screw terminal: Chrome-plated steel Housing material: Flame-resistant resin (black) Isolation: Input to output to auxiliary power Input waveform: Up to 15 % of 3rd harmonic content Overrange output: 0 to 120 % at 1 – 5 V Zero adjustment: -5 to +5 % (front) Span adjustment: 95 to 105 % (front) INPUT SPECIFICATIONS • AC Voltage: 0 – 550 V AC Minimum span: 20 V Frequency: 50 or 60 Hz Operational range: 0 – 120 % of rating Overload capacity: 200 % of rating for 10 sec., 120 % continuous Input burden: 0.5 VA (1 VA with Input greater then 300 V at 100 %) OUTPUT SPECIFICATIONS ■ DC Current: 0 – 20 mA DC Minimum span: 1 mA Offset: Max. 1.5 times span Load resistance: Output drive 10 V max. ■ DC Voltage: 0 – 12 V DC Minimum span: 5 mV Offset: Max. 1.5 times span Load resistance: Output drive 1 mA max.; at ≥ 0.5 V 150 300V IN 0 5 OUT 10V sOPERATION DIAGRAM (example) 0 150 300V IN 0 12 OUT 20mA 4 INSTALLATION Power Consumption •AC: Approx. 2 VA •DC: Approx. 1.7 W (15 mA at 110 V) Operating temperature: -10 to +55°C (14 to 131°F) Operating humidity: 30 to 85 %RH (non-condensing) Mounting: Surface or DIN rail Weight: 400 g (0.88 lb) PERFORMANCE in percentage of span Accuracy: ±0.5 % (at 23°C ±10°C or 73.4°F ±18°F, 45 – 65 Hz) Magnetic field (ext. origin) effect: ± 0.5 % (400 A/m) Response time: ≤ 1 sec. (0 – 100 % ±1 %) Ripple: 0.5 %p-p max. Line voltage effect: ±0.25 % over voltage range Insulation resistance: ≥ 100 MΩ with 500 V DC Dielectric strength: 2000 V AC @1 minute (input to output to auxiliary power to ground) Impulse withstand voltage: 1.2 / 50 μsec., ±5 kV (input to output or ground) STANDARDS & APPROVALS EU conformity: EMC Directive EMI EN 61000-6-4 EMS EN 61000-6-2 Low Voltage Directive EN 61010-1 Measurement Category II (input) Installation Category II (auxiliary power) Pollution Degree 2 Input to output or auxiliary power: Reinforced insulation (550 V) Output to auxiliary power: Reinforced insulation (300 V) RoHS Directive |