| Zakładka z wyszukiwarką danych komponentów |
|
M28F410 Arkusz danych(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M28F410 Arkusz danych(HTML) 1 Page - STMicroelectronics |
|
1 / 38 page ![]() AI01130C 18 A0-A17 W DQ0-DQ14 VPP VCC M28F410 M28F420 G E VSS 15 RP BYTE DQ15A-1 Figure 1. Logic Diagram March 1995 M28F410 M28F420 4 Megabit (x8 or x16, Block Erase) FLASH MEMORY PRELIMINARY DATA DUAL x8 and x16 ORGANIZATION SMALL SIZE PLASTIC PACKAGES TSOP56 and SO44 MEMORY ERASE in BLOCKS – One 16K Byte or 8K Word Boot Block (top or bottom location) with hardware write and erase protection – Two 8K Byte or 4K Word Key Parameter Blocks – One 96K Byte or 48K Word Main Block – Three 128K Byte or 64K Word Main Blocks 5V ± 10% SUPPLY VOLTAGE 12V ± 5% PROGRAMMING VOLTAGE 100,000 PROGRAM/ERASE CYCLES PROGRAM/ERASE CONTROLLER AUTOMATIC STATIC MODE LOW POWER CONSUMPTION –60 μA Typical in Standby – 0.2 μA Typical in Deep Power Down – 20/25mA Typical Operating Consumption (Byte/Word) HIGH SPEED ACCESS TIME: 70ns EXTENDED TEMPERATURE RANGES A0-A17 Address Inputs DQ0-DQ7 Data Input / Outputs DQ8- DQ14 Data Input / Outputs DQ15A-1 Data Input/Output or Address Input E Chip Enable G Output Enable W Write Enable BYTE Byte/Word Organization RP Reset/Power Down/Boot Block Unlock VPP Program & Erase Supply Voltage VCC Supply Voltage Table 1. Signal Names This is preliminary infor mationon a new product now in developmen t or undergoing evaluation. Details are subject to change without notice. 44 1 SO44 (M) TSOP56 (N) 14 x 20mm 1/38 |
Podobny numer części - M28F410 |
|
Podobny opis - M28F410 |