| Zakładka z wyszukiwarką danych komponentów |
|
MD7PL-PFF0 Arkusz danych(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
MD7PL-PFF0 Arkusz danych(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 6 page ![]() MODEL: MD7PL MD7PL SPECIFICATIONS ES-8062 Rev.7 Page 3/6 http://www.m-system.co.jp/ CONNECTION EXAMPLES MD7PL-NFG 6 3 8 5 2 (SHLD) DIN RAIL DIN RAIL ADAPTOR Protected Device Protected Device + – 7 SG 4 1 + 6 8 5 7 4 FG Protected Side Crossover Wire MD7PL-NFF DIN RAIL DIN RAIL ADAPTOR Surge Side Protected Side Surge Side *1. Oxide film on the surface of an aluminium rail may lower the electric conductivity between this module and the ground. Use a steel or copper rail. *2. Be sure to ground the DIN rail. Recommended grounding resistance ≤100Ω *3. Cross-wire between the DIN rail and the metal housing of the protected device to equalize the earth potential. Ground only the surge protector when the protected device has no ground terminal. *4. Shield wiring method is an example. Proceed according to the system requirements. *4 *2 *3 Crossover Wire*3 • MD7PL-N MD7PL-PFG 6 3 8 5 2 (SHLD) DIN RAIL DIN RAIL ADAPTOR Protected Device Protected Device – + 7 SG 4 1 – 6 8 5 7 4 FG – + FG – + SG – FG Protected Side Crossover Wire MD7PL-PFF DIN RAIL DIN RAIL ADAPTOR Surge Side Protected Side Surge Side *4 *2 *2 *2 *1 *1 *1 *1 *3 Crossover Wire*3 3 2 1 • MD7PL-P ■ CONNECTION DIAGRAM Di 1 Di 2 COM Di 1 Di 2 COM COM COM Do 1 Do 1 Do 2 Do 2 + 3 2 1 SG |