| Zakładka z wyszukiwarką danych komponentów |
|
LTCEC-230D-C/Q Arkusz danych(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
LTCEC-230D-C/Q Arkusz danych(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 6 page ![]() MODEL: LTCEC LTCEC SPECIFICATIONS ES-3373 Rev.9 Page 4/6 http://www.m-system.co.jp/ CONNECTION DIAGRAM + – OUTPUT 11 12 1 2 LOAD SOURCE CONNECTOR* CLAMP-ON SENSOR U(+) V(–) 15 16 *Connector provided only for the CLSA-08 and CLSA-12. k l AUXILIARY POWER EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch) 1 2 3 4 5 6 11 12 13 14 15 16 7 8 9 10 54 (2.13) 72 (2.83) [4 (.16)] 143 (5.63) 3 (.12) DIN RAIL 35mm wide 8 (.31) 2–M4 MTG HOLE 16–M4 SCREW TERMINAL COVER (option /T) 10 (.39) • When mounting, no extra space is needed between units. ■ Sensor model No.: CLSA-08 L K 10 (.39) dia. 41 (1.61) 27 (1.05) 26 (1.02) 150 (5.91) 3000 (118) l k ■ Sensor model No.: CLSA-12 16 (.63) dia. 44.5 (1.75) 30 (1.18) 31 (1.22) 150 (5.91) l k L K 3000 (118) ■ Sensor model No.: CLSA-30 24 (.94) dia. 64 (2.52) 40 (1.57) 34 (1.34) 200 (7.87) 4 (.16) 4 (.16) l k K L ■ Sensor model No.: CLSA-50 36 (1.41) dia. 80 (3.15) 50 (1.97) 38 (1.50) 4 (.16) 4 (.16) 200 (7.87) l k K L |