| Zakładka z wyszukiwarką danych komponentów |
|
MD7ST-24FG10/Q Arkusz danych(PDF) 5 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
MD7ST-24FG10/Q Arkusz danych(HTML) 5 Page - M-System Co.,Ltd. |
|
5 / 6 page ![]() MODEL: MD7ST MD7ST SPECIFICATIONS ES-8057 Rev.10 Page 5/6 http://www.m-system.co.jp/ SCHEMATIC CIRCUITRY SHIELD TERMINAL MODEL NO. SCHEMATIC CIRCUITRY APPLICATIONS 5 – + + 2 6 3 7 8 DISCHARGE ELEMENT DISCHARGE ELEMENT 4 1 Series Resistance (SHLD) Surge Side Protected Side Fuse/Disconnect DIN RAIL ADAPTOR (for grounding) DIN RAIL Grounding • Line to SHLD: Floating • Earth to SHLD: Floating • MD7ST-xFF0x (No fuse option) • MD7ST-xFF1x (Fuse option) • Standard type • To protect a device having isolation between Signal and Earth. • When SHLD should be floating against the earth. (single-end grounding) • Line to SHLD: Floating • Earth to SHLD: Grounding • MD7ST-xFG0x (No fuse option) • MD7ST-xFG1x (Fuse option) • To protect a device having isolation between Signal and Earth. • When SHLD should be grounded. (single- or both- end grounding) • Line to SHLD: Grounding • Earth to SHLD: Floating • MD7ST-xGF0x (No fuse option) • MD7ST-xGF1x (Fuse option) • To protect a device having isolation between Signal and Earth. • When SHLD wire should be connected to SG terminal of the protected device. (SHLD is not grounded to the earth.) • Line to SHLD: Grounding • Earth to SHLD: Grounding Sections enclosed with broken line may differ depending upon the models; without Fuse/Disconnect option, fuse circuit is shorted. • MD7ST-xGG0x (No fuse option) • MD7ST-xGG1x (Fuse option) • To protect a device which does not have a good dielectric strength between Signal and Earth. 5 – + – + 2 6 3 7 8 DISCHARGE ELEMENT 4 1 Series Resistance (SHLD) Surge Side Protected Side DIN RAIL ADAPTOR (for grounding) DIN RAIL Grounding Fuse/Disconnect 5 – + – + 2 6 3 7 8 DISCHARGE ELEMENT DISCHARGE ELEMENT 4 1 Series Resistance (SHLD) Surge Side Protected Side DIN RAIL ADAPTOR (for grounding) DIN RAIL Grounding Fuse/Disconnect 5 – + – + 2 6 3 7 8 DISCHARGE ELEMENT 4 1 Series Resistance (SHLD) Surge Side Protected Side Fuse/Disconnect DIN RAIL ADAPTOR (for grounding) DIN RAIL Grounding |