| Zakładka z wyszukiwarką danych komponentów |
|
MCP47FEB21 Arkusz danych(PDF) 84 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP47FEB21 Arkusz danych(HTML) 84 Page - Microchip Technology |
|
84 / 92 page ![]() MCP47FVBXX DS20005405A-page 84 2015 Microchip Technology Inc. C.4 Full-Scale Error (EFS) The Full-Scale Error (see Figure C-3) is the error on the VOUT pin relative to the expected VOUT voltage (theoretical) for the maximum device DAC register code (code FFFh for 12-bit, code 3FFh for 10-bit, and code FFh for 8-bit) (see Equation C-2). The error is dependent on the resistive load on the VOUT pin (and where that load is tied to, such as VSS or VDD). For loads (to VSS) greater than specified, the full-scale error will be greater. The error in bits is determined by the theoretical voltage step size to give an error in LSb. EQUATION C-2: FULL SCALE ERROR C.5 Zero-Scale Error (EZS) The Zero-Scale Error (see Figure C-2) is the difference between the ideal and measured VOUT voltage with the DAC register code equal to 000h (Equation C-3). The error is dependent on the resistive load on the VOUT pin (and where that load is tied to, such as VSS or VDD). For loads (to VDD) greater than specified, the zero scale error will be greater. The error in bits is determined by the theoretical voltage step size to give an error in LSb. EQUATION C-3: ZERO SCALE ERROR C.6 Total Unadjusted Error (ET) The Total Unadjusted Error (ET) is the difference between the ideal and measured VOUT voltage. Typi- cally, calibration of the output voltage is implemented to improve system performance. The error in bits is determined by the theortical voltage step size to give an error in LSb. Equation C-4 shows the Total Unadjusted Error calculation EQUATION C-4: TOTAL UNADJUSTED ERROR CALCULATION EFS = VOUT(@FS) - VIDEAL(@FS) VLSb(IDEAL) Where: EFS is expressed in LSb VOUT(@FS) is the VOUT voltage when the DAC register code is at Full scale. VIDEAL(@FS) is the ideal output voltage when the DAC register code is at Full scale. VLSb(IDEAL) is the theoretical voltage step size. EZS = VOUT(@ZS) VLSb(IDEAL) Where: EFS is expressed in LSb VOUT(@ZS) is the VOUT voltage when the DAC register code is at Zero-scale. VLSb(IDEAL) is the theoretical voltage step size. Where: ET is expressed in LSb. VOUT_Actual(@code) = The measured DAC output voltage at the specified code VOUT_Ideal(@code) = The calculated DAC output voltage at the specified code ( code * V LSb(Ideal) ) VLSb(Ideal) =VREF/# Steps 12-bit = VREF/4096 10-bit = VREF/1024 8-bit = VREF/256 ET = ( VOUT_Actual(@code) - VOUT_Ideal(@Code) ) VLSb(Ideal) |