| Zakładka z wyszukiwarką danych komponentów |
|
47DV-1028-R Arkusz danych(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
47DV-1028-R Arkusz danych(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 13 page ![]() MODEL: 47DV 47DV SPECIFICATIONS ES-9501 Rev.17 Page 4/13 https://www.m-system.co.jp/ POL: BCD Polarity ON = (–), OFF = (+) OVF: BCD Overflow/underflow (scaling error) Output given at overflow or underflow (scaling error) DAV: Data Valid ON = valid, OFF = invalid RUN: Run Means the meter is functioning. OFF = Error except the scaling error No DAV or DATA output is given when RUN signal is not provided. • Alarm Output Signals: NPN open collector Max. load voltage: 24 V DC Max. load current: 50 mA Saturation voltage: ≤ 1.1 V Leakage current: ≤ 500 μA Signal ID and Details HH: HH alarm trip output H: H alarm trip output PASS: PASS zone output L: L alarm trip output LL: LL alarm trip output INSTALLATION Power consumption •AC: Max. 12 VA •DC: ≤ 3.5 W Operating temperature: -10 to +55°C (14 to 131°F) Operating humidity: 30 to 90 %RH (non-condensing) Mounting: Panel flush mounting Weight: 300 g (0.66 lb) PERFORMANCE Accuracy Display Voltage input: ±0.03 % ±1 digit Current input: ±0.1 % ±1 digit Output: ±0.1 % (DC output = display + output) Temp. coefficient: ±0.015 %/°C (±0.008 %/°F) Input resolution: Max. 19 bits Output resolution: Max. 14 bits Response time: ≤ 0.5 sec. (alarm output: 0 – 100 % at 90 % setpoint) ≤ 0.5 sec. (DC output: 0 – 90 %) Line voltage effect: ±0.1 % over voltage range Insulation resistance: ≥ 100 MΩ with 500 V DC Dielectric strength: 2000 V AC @ 1 minute (input or excitation supply to DC output to HH output or H output to L output or LL output to network or BCD output or event trigger input to power to ground) STANDARDS & APPROVALS EU conformity: EMC Directive EN 61326-1 Low Voltage Directive EN 61010-1 Measurement Category II (input, alarm output) Installation Category II (power) Pollution degree 2 Input or excitation supply or DC output to alarm output to power: Reinforced insulation (300 V) Input or excitation supply to DC output: Basic insulation (300 V) RoHS Directive |