| Zakładka z wyszukiwarką danych komponentów |
|
47LAC-2A0B-R Arkusz danych(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
47LAC-2A0B-R Arkusz danych(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 7 page ![]() MODEL: 47LAC 47LAC SPECIFICATIONS ES-9511 Rev.13 Page 3/7 https://www.m-system.co.jp/ STANDARDS & APPROVALS EU conformity: EMC Directive EMI EN 61000-6-4 EMS EN 61000-6-2 Low Voltage Directive EN 61010-1 Measurement Category II (alarm output) Installation Category II (power) Pollution degree 2 Input or DC output to alarm output to power: Reinforced insulation (300 V) Input to DC output: Basic insulation (300 V) RoHS Directive Protection against access to the terminal blocks: Finger protection (VDE 0660-514) EXTERNAL VIEW (4) Max/Min Button (5) Alarm/ Button (6) Scale/ Button (7) Shift Button (8) Up Button (1) Main Display (2) Alarm Indicators (3) Function Indicators Alarm/ Scale/ Max/Min Shift Up Zro HH H P L LL Spn D/P Tch Fnc Min Max • COMPONENT IDENTIFICATION No. COMPONENT FUNCTION (1) Main display Indicates present values, setting values and status of the unit. (2) Alarm indicators Indicate alarm status of the input signal. (3) Function indicators Indicate the status in each setting mode. (4) Max/Min button Used to switch the main display to show the present values, maximum values or minimum values etc. (5) Alarm/ button Used to con rm alarm setting value and to move on to the alarm and other setting modes; or to shift through setting items in each setting mode. (6) Scale/ button Used to move on to the scaling and other setting modes; or to shift through setting items in each setting mode. (7) Shift button Used to move on to the setting standby status of each setting mode and shift through display digits in each setting mode. (8) Up button Used to execute/cancel Forced Zero or to select setting values in each setting mode. Note: Refer to the operating manual for details on each function. |