Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

48NAVA-22HB3-R Arkusz danych(PDF) 8 Page - M-System Co.,Ltd.

Numer części 48NAVA-22HB3-R
Szczegółowy opis  Bargraph Indicators 48N Series
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MSYSTEM [M-System Co.,Ltd.]
Strona internetowa  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

48NAVA-22HB3-R Arkusz danych(HTML) 8 Page - M-System Co.,Ltd.

  48NAVA-22HB3-R Datasheet HTML 1Page - M-System Co.,Ltd. 48NAVA-22HB3-R Datasheet HTML 2Page - M-System Co.,Ltd. 48NAVA-22HB3-R Datasheet HTML 3Page - M-System Co.,Ltd. 48NAVA-22HB3-R Datasheet HTML 4Page - M-System Co.,Ltd. 48NAVA-22HB3-R Datasheet HTML 5Page - M-System Co.,Ltd. 48NAVA-22HB3-R Datasheet HTML 6Page - M-System Co.,Ltd. 48NAVA-22HB3-R Datasheet HTML 7Page - M-System Co.,Ltd. 48NAVA-22HB3-R Datasheet HTML 8Page - M-System Co.,Ltd. 48NAVA-22HB3-R Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MODEL: 48NAVA
48NAVA SPECIFICATIONS
ES-9442 Rev.11 Page 8/9
http://www.m-system.co.jp/
PANEL CUTOUT unit: mm
138
+1
–0
164 min.
Note 1: Observe at the minimum of 3 cm above and below the units for heat dissipation.
Note 2: No bezel is needed when the panel is cut according to the above drawings.
Panel thickness: 1.6 – 8.0 mm
Panel thickness: 1.6 – 8.0 mm
• Vertical Mounting
• Horizontal Mounting
■ SINGLE MOUNTING (Conform to degree of protection IP65)
138
+1
–0
L
138
+1
–0
164 min.
Panel thickness: 1.6 – 8.0 mm
L = {31.5 + 36 × (N – 1)}
(N : number of units)
Panel thickness: 1.6 – 8.0 mm
L = {31.5 + 36 × (N – 1)}
(N : number of units)
+1
–0
+1
–0
• Vertical Mounting
• Horizontal Mounting
■ CLUSTERED MOUNTING (Not conform to degree of protection IP65)
138
+1
–0
61.5 min.
31.5
+1
–0



Html Pages

1 2 3 4 5 6 7 8 9