| Zakładka z wyszukiwarką danych komponentów |
|
K32L2AX Arkusz danych(PDF) 11 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
K32L2AX Arkusz danych(HTML) 11 Page - NXP Semiconductors |
|
11 / 96 page ![]() 2.1.6 Clock options The SCG provides four clock sources that are then distributed and optionally divided to the CPU, memory and various peripherals. The four clock sources available to the SCG are: • SOSC – output of the external oscillator (a crystal or externally applied clock input) • SIRC – output of the slow (2/8 Mhz) internal RC oscillator • FIRC – output of the fast ( 48-60 MHZ) internal RC oscillator • SPLL – output of the PLL, which is multiple of the SOSC or FIRC clock source. The following diagram shows the clock sources and clock trees. DIVCORE SCG DIVSLOW PCC USB USB Functional Clock Peripherals SOSC FIRC SIRC DIV1 DIV1 DIV1 DIV1 DIV3 DIV3 DIV3 DIV3 DIV2 DIV2 DIV2 DIV2 SPLL DIVCORE_CLK DIVSLOW_CLK SPLLDIV1_CLK SPLLDIV1_CLK SOSCDIV1_CLK FIRCDIV1_CLK SIRCDIV1_CLK SPLLDIV3_CLK SOSCDIV3_CLK FIRCDIV3_CLK SIRCDIV3_CLK Core DMA Peripheral Functional Clocks PLL (VCO/2) Figure 3. Clock distribution Overview K32 L2A Microcontroller with 512 KB Flash and 128 KB SRAM, Rev. 3, 02/2021 11 NXP Semiconductors |