| Zakładka z wyszukiwarką danych komponentów |
|
48NV-2GRVA-R Arkusz danych(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
48NV-2GRVA-R Arkusz danych(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 8 page ![]() MODEL: 48NV 48NV SPECIFICATIONS ES-9438 Rev.13 Page 3/8 http://www.m-system.co.jp/ SCALE PLATE • Type 1: 1.1 Scale Span < 1.3 Number of divisions: 22 to 25.9 Scale: Starts at 0, increments by 0.02 / 0.2 / 2 / 20 / 200. Min. and max. values indicated. 4 digits including negative sign and decimal point. Division lines: Long, Short, Medium, Short, Long (4 divisions repeated) Minimum Divisions Maximum Divisions Bipolar Scale 10 11 8 6 4 2 0 600 400 200 0 -200 -400 0.2 0 -600 0.4 0.6 0.8 1.0 1.2 1.29 ■ WHAT MUST BE SPECIFIED WHEN ORDERING Following two methods can specify scale plate. a) Using ‘Scale Plate Designer’ Access ‘Design Scale Plate’ in the M-System web site (http://www.m-system.co.jp/english). Scale plate can be designed in this web site. By function below, it can be easy to create standard design or original design. [Design Automatically] Entering Minimum, Maximum, and Unit allows to create automatically a scale plate. Maximum created scale division number is ’54.9’. Use [Specify Division Number], if division number more than ’54.9’ is required (Maximum 100 division). [Specify Division Interval] Division Interval can be specified according to the application. [Specify Division Number] It is available to create originally with scale division number, length of line, position, character size, font and detailed position. After designing is completed, register code is issued. Place the order with this code. Once scale plate is designed, it is recorded. The register code can be used any number of times. b) Specifying scale range and display unit when placing the order It is available to create by specifying scale range and display unit for right and left. Regarding design of scale plate such as division number, length of division number line, and character font, they are same as above [Design Automatically], M-System designs them. ■ DESIGNING BY ‘DESIGN AUTOMATICALLY’ How ‘Design Automatically’ creates scale design is described succinctly below. ■ TYPES OF DIVISIONS Five (5) types of divisions are used depending upon the scale span, which determined by the following equation: Scale Span = (Max. range value – Min. range value) x 10 where n = integer (used to limit the calculated scale span to the minimum of 1.1, below 11.0.) The number of divisions is automatically determined by the scale span. n • Type 2: 1.3 Scale Span < 2.0 Number of divisions: 26 to 39.9 Scale: Starts at 0, increments by 0.03 / 0.3 / 3 / 30 / 300. Min. and max. values indicated. 4 digits including negative sign and decimal point. Division lines: Long, Short, Medium, Short, Medium, Short, Long (6 divisions repeated) Minimum Divisions Maximum Divisions Bipolar Scale 0 0.3 0.6 0.9 1.2 1.5 1.8 0.6 0.3 0 -0.3 -0.6 -0.8 0.8 1.99 0 30 60 90 120 130 |