| Zakładka z wyszukiwarką danych komponentów |
|
48NV-2RYVB-R Arkusz danych(PDF) 6 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
48NV-2RYVB-R Arkusz danych(HTML) 6 Page - M-System Co.,Ltd. |
|
6 / 8 page ![]() MODEL: 48NV 48NV SPECIFICATIONS ES-9438 Rev.13 Page 6/8 http://www.m-system.co.jp/ DIMENSIONS unit: mm (inch) 75 (2.95) 103 (4.06) 10 (.39) 18 (.71) 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 16–M3 SCREW TERMINALS 2–M3 SCREWS 36 (1.42) 31 (1.22) Rounded corners for the option /D ■ OPTION /D BEZEL*3 *1. Space required when replacing the scale plate. *2. Used for the existing panel cutout of M-System 48 Series (38 × 139.5 mm). *3. Used for the existing DIN panel cutout (33 × 138 mm) *4. Used for the existing panel cutout of Fuji Electric PAJ, PAK, PBA (44 × 138 mm), etc. ■ STANDARD BEZEL*2 10.4 (.41) 7.5 (.30) 3.9 (.15) 11.4 (.45) 7.5 (.30) 4.9 (.19) 8.5 (.33) 10.4 (.41) 7.5 (.30) ■ OPTION /F BEZEL*4 |