| Zakładka z wyszukiwarką danych komponentów |
|
48NV-2YGV3-R Arkusz danych(PDF) 1 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
48NV-2YGV3-R Arkusz danych(HTML) 1 Page - M-System Co.,Ltd. |
|
1 / 8 page ![]() MODEL: 48NV 48NV SPECIFICATIONS ES-9438 Rev.13 Page 1/8 http://www.m-system.co.jp/ Bargraph Indicators 48N Series BARGRAPH INDICATOR Functions & Features • Displays two process variables in dual graphic bargraphs of 101 LED segments • Single and dual bargraphs • IP65 front cover • Scale plate is easily replaced • Separable terminal block 50 40 30 20 10 0 10 20 30 40 50 m3/h 50 40 30 20 10 0 10 20 30 40 50 m3/h 144 (5.67) 36 (1.42) 103 (4.06) mm (inch) MODEL: 48NV–[1][2][3][4]–[5][6] ORDERING INFORMATION • Code number: 48NV-[1][2][3][4]-[5][6] Specify a code from below for each [1] through [6]. (e.g. 48NV-2BBV4W-R/CE/D/Q) • Special input range (For codes Z & 0) • Bargraph scale (e.g. 0 – 100 %) (See ‘Scale Plate.’) • Specify the specification for option code /Q (e.g. /C01) [1] BARGRAPHS 1: Single 2: Dual [2] BAR LED COLOR R: Red Y: Amber G: Green B: Blue Dual (left/right) RR: Red / Red YY: Amber / Amber GG: Green / Green BB: Blue / Blue RY: Red / Amber RG: Red / Green RB: Red / Blue YR: Amber / Red YG: Amber / Green YB: Amber / Blue GR: Green / Red GY: Green / Amber GB: Green / Blue BR: Blue / Red BY: Blue / Amber BG: Blue / Green [3] MOUNTING DIRECTION V: Vertical H: Horizontal [4] INPUT Current A: 4 – 20 mA DC (Input resistance 10 Ω) B: 2 – 10 mA DC (Input resistance 20 Ω) C: 1 – 5 mA DC (Input resistance 39 Ω) D: 0 – 20 mA DC (Input resistance 10 Ω) E: 0 – 16 mA DC (Input resistance 12 Ω) F: 0 – 10 mA DC (Input resistance 20 Ω) G: 0 – 1 mA DC (Input resistance 200 Ω) H: 10 – 50 mA DC (Input resistance 5.1 Ω) Z: Specify current (See INPUT SPECIFICATIONS) Voltage 3: 0 – 1 V DC (Input resistance 1 MΩ min.) 4: 0 – 10 V DC (Input resistance 1 MΩ min.) 5: 0 – 5 V DC (Input resistance 1 MΩ min.) 6: 1 – 5 V DC (Input resistance 1 MΩ min.) 4W: -10 – +10 V DC (Input resistance 1 MΩ min.) 5W: -5 – +5 V DC (Input resistance 1 MΩ min.) 0: Specify voltage (See INPUT SPECIFICATIONS) [5] POWER INPUT AC Power M: 85 – 264 V AC (Operational voltage range 85 – 264 V, 47 – 66 Hz) (CE not available) M2: 100 – 240 V AC (Operational voltage range 85 – 264 V, 47 – 66 Hz) DC Power R: 24 V DC (Operational voltage range 24 V ±15 %, ripple 10 %p-p max.) [6] OPTIONS (multiple selections) Standards & Approvals blank: Without CE |
Podobny numer części - 48NV-2YGV3-R |
|
Podobny opis - 48NV-2YGV3-R |