| Zakładka z wyszukiwarką danych komponentów |
|
MCP3564-E/ST Arkusz danych(PDF) 28 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP3564-E/ST Arkusz danych(HTML) 28 Page - Microchip Technology |
|
28 / 108 page ![]() MCP3561/2/4 DS20006181C-page 28 2019-2021 Microchip Technology Inc. 4.5 OSR – Oversampling Ratio The ratio of the sampling frequency to the output data rate. OSR = DMCLK/DRCLK in Continuous mode. See Table 5-6 for the OSR setting effect on sinc filter parameters. 4.6 Offset Error This is the error induced by the ADC when the inputs are shorted together (VIN = 0V). This error varies based on gain settings, OSR settings and from chip to chip. It can easily be calibrated out by an MCU with a subtraction. 4.7 Gain Error This is the error induced by the ADC on the slope of the transfer function. It is the deviation expressed in per- centage compared to the ideal transfer function defined by Equation 5-5. The specification incorporates ADC gain error contributions, but not the VREF contribution. This error varies with GAIN and OSR settings. The gain error of this device has a low-temperature coefficient. 4.8 Integral Nonlinearity Error (INL) Integral nonlinearity error is the maximum deviation of an ADC transition point from the corresponding point of an ideal transfer function, with the offset and gain errors removed, or with the end points equal to zero. It is the maximum remaining static error after offset and gain errors calibration for a DC input signal. 4.9 Signal-to-Noise Ratio (SNR) For this device family, the Signal-to-Noise Ratio is a ratio of the output fundamental signal power to the noise power (not including the harmonics of the signal) when the input is a sine wave at a predetermined frequency. It is measured in dB. Usually, only the maximum Signal-to-Noise Ratio is specified. The SNR figure depends mainly on the OSR and gain settings of the device, as well as the temperature (due to thermal noise being dominant for high OSR). EQUATION 4-4: SIGNAL-TO-NOISE RATIO 4.10 Signal-to-Noise and Distortion Ratio (SINAD) Signal-to-Noise and Distortion Ratio is similar to Signal-to-Noise Ratio, with the exception that you must include the harmonics power in the noise power calculation. The SINAD specification depends mainly on the OSR and gain settings. EQUATION 4-5: SINAD EQUATION The calculated combination of SNR and THD per the following formula also yields SINAD: EQUATION 4-6: SINAD, THD AND SNR RELATIONSHIP 4.11 Total Harmonic Distortion (THD) The THD is the ratio of the output harmonics power to the fundamental signal power for a sine wave input and is defined by the following equation. EQUATION 4-7: The THD is usually measured only with respect to the first ten harmonics. THD is sometimes expressed in percentage (%). This formula converts the THD from dB to percentage: EQUATION 4-8: 4.12 Spurious-Free Dynamic Range (SFDR) SFDR is the ratio between the output power of the fundamental and the highest spur in the frequency spectrum. The spur frequency is not necessarily a har- monic of the fundamental, even though that is usually the case. This figure represents the dynamic range of the ADC when a full-scale signal is used at the input. This specification depends mainly on the OSR and gain settings. EQUATION 4-9: SNR dB 10 SignalPower NoisePower ---------------------------------- log = SINAD dB 10 SignalPower Noise HarmonicsPower + --------------------------------------------------------------------- log = SINAD dB 10 10 SNR 10 ----------- 10 THD 10 ------------ + log = THD dB 10 HarmonicsPower FundamentalPower ----------------------------------------------------- log = THD % 100 10 THD dB 20 ------------------------ = SFDR dB 10 FundamentalPower HighestSpurPower ----------------------------------------------------- log = |