| Zakładka z wyszukiwarką danych komponentów |
|
HDLA-1414 Arkusz danych(PDF) 5 Page - Agilent(Hewlett-Packard) |
|
|
|||||||||||||||||||||||||||||
HDLA-1414 Arkusz danych(HTML) 5 Page - Agilent(Hewlett-Packard) |
|
5 / 10 page ![]() 5 High Efficiency Red HDLO-1414 Parameter Symbol Min. Typ. Units Test Conditions Average Luminous IV 1.2 3.5 mcd “*” illuminated in all four digits. Intensity per digit, 19 dots ON per digit. Character Average Peak Wavelength λPEAK 635 nm Dominant λD 626 nm Wavelength[2] Orange HDLA-1414 Parameter Symbol Min. Typ. Units Test Conditions Average Luminous IV 1.2 3.5 mcd “*” illuminated in all four digits. Intensity per digit, 19 dots ON per digit. Character Average Peak Wavelength λPEAK 600 nm Dominant λD 602 nm Wavelength[2] Yellow HDLY-1414 Parameter Symbol Min. Typ. Units Test Conditions Average Luminous IV 1.2 3.7 mcd “*” illuminated in all four digits. Intensity per digit, 19 dots ON per digit. Character Average Peak Wavelength λPEAK 583 nm Dominant λD 585 nm Wavelength[2] Green HDLG-1414 Parameter Symbol Min. Typ. Units Test Conditions Average Luminous IV 1.2 5.6 mcd “*” illuminated in all four digits. Intensity per digit, 19 dots ON per digit. Character Average Peak Wavelength λPEAK 568 nm Dominant λD 574 nm Wavelength[2] Notes: 1. Refers to the initial case temperature of the device immediately prior to the light measurement. 2. Dominant wavelength, λD, is derived from the CIE chromaticity diagram, and represents the single wavelength which defines the color of the device. |