| Zakładka z wyszukiwarką danych komponentów |
|
MP1600-A2-RV Arkusz danych(PDF) 2 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
MP1600-A2-RV Arkusz danych(HTML) 2 Page - M-System Co.,Ltd. |
|
2 / 4 page ![]() MP1600-1623 ES-9805 Rev.5 Specifications subject to change without notice. INPUT & OUTPUT sINPUT Frequency: 40 Hz min., 1 kHz max. with 100% input •AC Current: 0 – 1A AC; input resistor incorporated Minimum span: 1mA Input resistance Input Input Resistance ≥1mA, <500mA : 10 (Ω) ≥500mA, <1A : 1 1A : 0.5 •AC Voltage: 0 – 250V AC Minimum span: 50mV Input resistance Input Input Resistance ≥50mV, <5V : 100k ( Ω) ≥5V : 1M sREMOTE SETPOINT INPUT MP16X2: potentiometer; any value of 1k – 100k Ω; excitation 4V MP16X3: 0 – 1V DC sRELAY CONTACT OUTPUT •Single/Latching: isolated DPDT relay; de-energized at trip •Dual: isolated SPDT relay; energized at trip Rating: 120V AC @3A (cosø=1) 30V DC @3A (resistive load) Relay life Electrical: 105 cycles Mechanical: 107 cycles For maximum relay life with inductive loads, external protection is recommended. sVOLTAGE OUTPUT (Option V): 24V DC average; Drives 1.2k Ω or greater coil impedance sTRANSMITTER OUTPUT (Option T): 0 – 1V DC; 1mA max. (setpoint and process input) INSTALLATION Power input AC: rating ±10%, 50/60 ±2 Hz, approx. 2VA DC: rating ±10% (ripple 10% p-p max.) 80mA at 24V, 160mA at 12V Operating temperature: -5 to +60 °C (23 to 140°F) Storage temperature: -20 to +85 °C (-5 to +185°F) Operating humidity: 30 to 90% RH (non-condensing) Mounting: surface (DIN rail available for 11-pin base) Dimensions 11-pin base: W50 ×H80×D132 mm (1.97" ×3.15"×5.20") See General Spec. Sheet Figure A. 20-pin base: W80 ×H101×D136 mm (3.15" ×3.98"×5.35") See General Spec. Sheet Figure B. Weight: 400 g (0.88 lbs) PERFORMANCE in percentage of span Repeatability: ±0.2% Temp. coefficient: ±0.05%/°C (±0.027%/°F) Response time: 100 milliseconds, typical Common mode rejection 60 Hz: greater than 120 dB DC: greater than 140 dB Line voltage effect: ±0.1% over voltage range Insulation resistance: ≥100MΩ with 500V DC Dielectric strength: 1000V AC @1 minute (input to output to power) 2000V AC @1 minute (output to ground) P. 2 / 4 |