| Zakładka z wyszukiwarką danych komponentów |
|
R30YS4S/Q Arkusz danych(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
R30YS4S/Q Arkusz danych(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 5 page ![]() MODEL: R30YS4 R30YS4 SPECIFICATIONS ES-9006 Rev.4 Page 4/5 https://www.m-system.co.jp/ EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm [inch] ① ② ③ ④ ⑪ ⑫ ⑬ ⑭ ⑤ ⑥ ⑦ ⑧ ⑨ ⑩ ⑮ ⑯ ⑰ ⑱ ⑲ ⑳ 25 [.98] 98 [3.86] 20–M3 SCREW SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM 11 I1 COM1 I2 COM2 I3 COM3 I4 COM4 2 12 1 13 4 14 3 5 6 7 8 9 10 20 15 16 17 18 19 INTERNAL POWER INTERNAL BUS RUN indicator ERR indicator Control Circuit OUTPUT1 OUTPUT2 OUTPUT3 OUTPUT4 Output circuit Output circuit Output circuit Output circuit Comm. Circuit 1 11 OUTPUT 1 2 12 OUTPUT 2 3 13 OUTPUT 3 4 14 OUTPUT 4 • Unused Output Channels Close across the unused output terminals as shown below. Unused channels left open are equal to the wire break- down, which turns the red ERR LED blink and sets a burnout flag at the PLC or the host device. Unused channels can be specified and set so on the PC Configurator Software (model: R30CFG) without needing to short at the field terminals. |