| Zakładka z wyszukiwarką danych komponentów |
|
R30PA2S/Q Arkusz danych(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
R30PA2S/Q Arkusz danych(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 5 page ![]() MODEL: R30PA2 R30PA2 SPECIFICATIONS ES-9022 Rev.2 Page 3/5 https://www.m-system.co.jp/ CONFIGURATOR SOFTWARE SETTING The following parameters can be set with using PC Configurator Software (model: R30CFG) Refer to the users manual for the R30CFG for detailed operation of the software program. ■ CHANNEL INDIVIDUAL SETTING PARAMETER SETTING RANGE DEFAULT SETTING Max no. of totalized pulse 1 – 4,294,967,295 4,294,967,295 Count at over ow (value to which the count returns) 0 1 0 Preset value 0 – Max no. of totalized pulse 0 ■ CHANNEL BATCH SETTING PARAMETER SETTING RANGE DEFAULT SETTING Count pulse edge Falling edge (DI-ON)/ Rising edge (DI-OFF) Falling edge (DI-ON) External reset pulse edge to detect Falling edge (DI-ON)/ Rising edge (DI-OFF) Falling edge (DI-ON) External reset detection Enable/Disable Disable Reset/preset from host PC/PLC Enable/Disable Disable Simulate input Normal input/Simulate input Normal input EXTERNAL VIEW RUN ERR 1 R 2 RUN LED ERR LED Input Terminal Block Terminal Fixing Screw ■ FRONT VIEW ■ SIDE VIEW ■ BOTTOM VIEW Terminal Cover Specifications Positioning Guide Lock Tab Base Fixing Screw Input Status Indicator LED 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 |