Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

OQT150-R101-2EP-IO-IR Arkusz danych(PDF) 5 Page - Pepperl+Fuchs Inc.

Numer części OQT150-R101-2EP-IO-IR
Szczegółowy opis  Measuring sensor with multiple switch points
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PF [Pepperl+Fuchs Inc.]
Strona internetowa  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

OQT150-R101-2EP-IO-IR Arkusz danych(HTML) 5 Page - Pepperl+Fuchs Inc.

  OQT150-R101-2EP-IO-IR Datasheet HTML 1Page - Pepperl+Fuchs Inc. OQT150-R101-2EP-IO-IR Datasheet HTML 2Page - Pepperl+Fuchs Inc. OQT150-R101-2EP-IO-IR Datasheet HTML 3Page - Pepperl+Fuchs Inc. OQT150-R101-2EP-IO-IR Datasheet HTML 4Page - Pepperl+Fuchs Inc. OQT150-R101-2EP-IO-IR Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Germany: +49 621 776 4411
Pepperl+Fuchs Group
Refer to “General Notes Relating to Pepperl+Fuchs Product Information”.
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Measuring sensor with multiple switch points
OQT150-R101-2EP-IO-IR
5
Center window mode operating mode (one switch point):
• Detection of objects irrespective of type and color in a defined detection range. Sets a defined window around a given object. Objects outside
this window are not detected.
• Window mode with one switch point.
Two point mode operating mode (hysteresis operating mode):
• Detection of objects irrespective of type and color between a defined switch-on and switch-off point.
Inactive operating mode:
• Evaluation of switching signals is deactivated.
The associated IODD device description file can be found in the download area at www.pepperl-fuchs.com.
active detection range
Background suppression
Foreground suppression
active detection range
Background suppression
Foreground suppression
active detection range
Hysteresis
Output
Output



Html Pages

1 2 3 4 5