| Zakładka z wyszukiwarką danych komponentów |
|
R1M-J3T-R Arkusz danych(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
R1M-J3T-R Arkusz danych(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 9 page ![]() MODEL: R1M-J3 R1M-J3 SPECIFICATIONS ES-5655 Rev.15 Page 4/9 https://www.m-system.co.jp/ CONNECTION DIAGRAM Note: In order to improve EMC performance, bond the FG terminal to ground. Caution: FG terminal is NOT a protective conductor terminal. RS-232-C T3 T4 T2 T1 T7 T6 T5 Term. Resist. Output Circuit When the device is located at the end of a transmission line via twisted-pair cable, (when there is no cross-wiring), close across the terminal T2 – T3 with the attached jumper pin (or with a leadwire). When the device is not at the end, remove the jumper pin. * 9 8 7 6 5 4 3 2 1 10 12 11 13 15 14 16 17 18 20 19 21 22 23 24 25 27 26 28 29 30 31 32 33 35 34 36 TRIGGER INPUT + – Power Circuit Input Circuit + – Shielded Twisted-pair Cable To Other I/O Modules Jumper* FG U (+) V (–) POWER A B B RTD INPUT + – 3 2 1 POT INPUT INPUT 1 max. min. A B B 3 2 1 INPUT 2 A B B 3 2 1 INPUT 3 A B B 3 2 1 INPUT 4 A B B 3 2 1 INPUT 5 A B B 3 2 1 INPUT 6 A B B 3 2 1 INPUT 7 A B B 3 2 1 INPUT 8 Unused This device is not designed to attenuate noises on input signals, therefore we ecommend that the user takes precautions to eliminate noises from the input signals e.g. by using shielded twisted-pair cable. DO NOT CONNECT to the terminals 25 through 34. Wrong connection may cause failure of the device. |