| Zakładka z wyszukiwarką danych komponentów |
|
R3-AR4S/Q Arkusz danych(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
R3-AR4S/Q Arkusz danych(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 4 page ![]() MODEL: R3-AR4 R3-AR4 SPECIFICATIONS ES-8433 Rev.7 Page 4/4 https://www.m-system.co.jp/ SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM INPUT 1 1 2 A B B RTD 11 12 Input Circuit INPUT 2 3 4 A B B RTD 13 14 Input Circuit INPUT 3 6 7 A B B RTD 16 17 Input Circuit INPUT 4 8 9 A B B RTD 18 19 Input Circuit Communication Circuit INTERNAL POWER * For dual redundant communication. Control Circuit DIP SW RUN LED ERR LED 15 5 20 10 1 2 INPUT 1 3 4 INPUT 2 6 7 INPUT 3 8 9 INPUT 4 100Ω 11 13 16 18 • Unused Input Channels Close across the unused input terminals with a resistor as shown below and set the DIP switch for Pt 100 input. Unused channels left open are equal to the burnout, which turns the red ERR LED on and sets a burnout flag at the PLC or the host device. Connecting the resistor means approx. 0°C. An alarm setpoint must be set to a value that does not trip an unwanted alarm. Unused channels can be specified and set so on the PC Configurator Software (model: R3CON) without needing to connect resistors at the field terminals. INTERNAL BUS A INTERNAL BUS B * Specifications are subject to change without notice. |