Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PROSCAN-T-3529 Arkusz danych(PDF) 6 Page - Pepperl+Fuchs Inc.

Numer części PROSCAN-T-3529
Szczegółowy opis  Active infrared scanner
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PF [Pepperl+Fuchs Inc.]
Strona internetowa  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

PROSCAN-T-3529 Arkusz danych(HTML) 6 Page - Pepperl+Fuchs Inc.

  PROSCAN-T-3529 Datasheet HTML 1Page - Pepperl+Fuchs Inc. PROSCAN-T-3529 Datasheet HTML 2Page - Pepperl+Fuchs Inc. PROSCAN-T-3529 Datasheet HTML 3Page - Pepperl+Fuchs Inc. PROSCAN-T-3529 Datasheet HTML 4Page - Pepperl+Fuchs Inc. PROSCAN-T-3529 Datasheet HTML 5Page - Pepperl+Fuchs Inc. PROSCAN-T-3529 Datasheet HTML 6Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PROSCAN-T-3529
6
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Active infrared scanner
The programming switch can be accessed by carefully removing the cover with the lens assembly from the housing. A small slot-
head screwdriver can be used to carefully lift off the cover by the slots located on the sides of the cover.
Each switch is on when the switch position is down (ON); if the switch position is up, then the switch is switched off (OFF).
The table below shows the various programming options.
The ProScan is a 12-beam energetic light scanner based on the principles of active infrared. The beams, which are switched
independently, enable the sensor to fan out across an extremely wide and narrow detection field in the area of the door.
The clearly defined, fan-shaped detection field on the ProScan can be set manually in four areas: half fan to the right, half fan to
the left, central fan and full detection field.
Immediately after being switched on for the first time, the ProScan programs the reflected pattern of the detected background as
the reference signal. During this process, the ProScan automatically adapts to the relevant installation and assembly
environment. Since each of the individual light beams on the ProScan independently programs its specific reception level, there
is no need to manually configure complex sensitivity settings.
Once the programming phase is complete, the light reflected from each of the 12 light beams is evaluated. Each time there is a
difference between the reflected value of an individual light beam and the reference signal, a switching process is initiated.
"Open Time" Function
The ProScan is a self-programming device, and automatically adjusts to changes in its environment. If the ProScan detects a
stationary object that does not correspond to the programmed reference signal (for example, a suitcase), ProScan interprets this
as a permanent change in the environment and initiates a new self teach-in process after a preset time (referred to as "Open
Time") has elapsed. Open Time can be adjusted to meet customer application requirements.
"Suitcase" Function
After a background has been changed, the ProScan "Suitcase" function allows the reference to be adjusted back to the original
background. Once a self-taught object, such as a suitcase, is removed from the detection field again, ProScan returns to the
original reference. A new learning process is not required.
Compensating for long-term drifts
The ProScan is able to compensate for long-term drifts. Using this function, changes to the ground reflectance (for example,
caused by rain or snow), as well as temperature fluctuations and dirt on the optical surface or ground are automatically
compensated for.
Test input (optional)
Using the integrated test input, the overall function of the ProScan can be reliably checked by testing all 12 light beams
simultaneously.
• Closing edge protection on automatic sliding doors, for example sliding doors in shopping centers, public buildings and office
buildings
• Version T with e1 approval: Closing edge protection on automatic doors on public transport vehicles, such as buses and trains
• Threshold monitoring on revolving doors
Programming options
Switch
Output active
during detection
Output inactive
during detection
Open Time 10
seconds
Open Time
PROSCAN 3 min
PROSCAN-T 3
seconds
4ON
OFF
3
ON
OFF
Detecting field at installation height of 2000 mm
Switch
2300 mm x 80 mm
Full field
1150 mm x 80 mm
Left field
1150 mm x 80 mm
Right field
1000 mm x 80 mm
Center field
2OFF
OFF
ON
ON
1
OFF
ON
OFF
ON
Function Principle
Application



Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com