| Zakładka z wyszukiwarką danych komponentów |
|
R3-GFL1S/CE Arkusz danych(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
R3-GFL1S/CE Arkusz danych(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 6 page ![]() MODEL: R3-GFL1 R3-GFL1 SPECIFICATIONS ES-8461 Rev.13 Page 4/6 https://www.m-system.co.jp/ EXTERNAL VIEW SW1 ON 8 7 6 5 4 3 2 1 Main Configuration Jack (unused) ERR LED LNK LED HER LED RUN/CFG Selector I/O Configuration Jack RUN LED FRONT VIEW SIDE VIEW MAIN ETHERNET I/O RX TX RUN Contact Output 10BASE-T/100BASE-TX RJ-45 Connector PER LED CFG LED Module Allocation ■ ■ RX TX RX LED TX LED TRANSMISSION DATA DESCRIPTIONS Use the DIP SW located at the side of the module to specify module allocation. 1 module is equivalent to 1 I/O module with 16 words analog input and 16 words analog output. Max. 8 modules (128 words input, 128 words output) transmission is available. R3-GFL1 seems as if max. 8 I/O modules are mounted to 8 slots via FL-net. The input of the module is processed as follows. [FL-net Communication] --> [R3-GFL1 Module] --> [R3 Base] --> [R3 Communication Module] The data set with output tab of R3-NFLBLD to input is transmitted to R3 communication module. Output is reversed. The data set with transmitting area 1 and transmitting area 2 is transmitted to FL-net. Note: Do not mount any modules in the slots which are occupied by virtual modules. If a real I/O module is mounted in the slot, an internal bus error occurs. Max. 16 real I/O modules and virtual modules are available. The interface module can not read the data for more than 16 modules. ■ WHEN R3-GFL1 IS MOUNTED ON SLOT NO. 2 (4 modules) Real I/O modules are mounted on Slots No. 1 and 2, however, the network module (R3-NE1) recognizes that each of Slots No. 1 to 5 is occupied. That is, R3-NE1 recognizes R3-SV4 mounted on Slot No.1 as it is and recognizes R3-GFL1 mounted on Slot No.2 as divided into four modules and occupying Slots No. 2 to 5. SLOT REAL MODULE VERTUAL MODULE NO. OF WORDS Slot No.1 R3-SV4 R3-SV4 4 Words Slot No.2 R3-GFL1 R3-GFL1 (1/4) 16 Words Slot No.3 No module R3-GFL1 (2/4) 16 Words Slot No.4 No module R3-GFL1 (3/4) 16 Words Slot No.5 No module R3-GFL1 (4/4) 16 Words Slot No.6 No module No module ---- Slot No.7 R3-NE1 R3-NE1 ---- Slot No.8 R3-PS1 R3-PS1 ---- 1 2 3 4 5 6 7 8 R3- SV4 R3-BS08 R3- GFL1 R3- NE1 R3- PS1 |