| Zakładka z wyszukiwarką danych komponentów |
|
R3-SPA8 Arkusz danych(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
R3-SPA8 Arkusz danych(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 5 page ![]() MODEL: R3S-PA8 R3S-PA8 SPECIFICATIONS ES-8935 Rev.6 Page 3/5 http://www.m-system.co.jp/ EXTERNAL VIEW 1 20 RUN LED ERR LED Status Indicator LED ■ FRONT VIEW ■ SIDE VIEW Set the Count Reset SW to OFF to start counting. Functions SW3 ON 4 3 2 1 Count Reset Count Reset Input Count Setting from Host PC/PLC COUNTER SETTING FROM HOST PC/PLC ■ COUNTER RESET (Available for R3-NC1, R3-NC3, R3-NE1, R3-NMx, R3-NDx, R3-NFL1, R3-NP1, R3-NML3 (Firmware version 2.00 or later, R3-NM3: Firmware version V1.00 or later)) Setting SW3-4 OFF and turning power on enable the function. The bits indicating the channels to reset counter are allocated in the rst word from host PC/PLC. When these bits are changed from 0 to 1, the counter is reset. When it is conrmed that the counter is reset, return to 0. Notice that if the bit remains at 1, the next reset will not work. 0 15 Count reset CH.1 Unused Unused Count reset CH.2 Count reset CH.3 Count reset CH.4 Count reset CH.8 ■ COUNTER PRESET (Available in combination with R3-NE1, R3-NMx (Firmware version 2.00 or later, R3-NM3: Firmware version V1.00 or later), and R3S-PA8 displayed ‘SW3-4 RESET/PRESET’ on the right side) Setting SW3-4 ON and turning power on enable the function. Write the preset value to the Holding Resisters, which has same address as the Input Resisters. • Input Resisters • Holding Resisters Address n+0 n+1 n+2 n+3 n+14 n+15 Input 1 Input 2 Input 8 Address n+0 n+1 n+2 n+3 n+14 n+15 Preset value of Input 1 Preset value of Input 2 Preset value of Input 8 |