| Zakładka z wyszukiwarką danych komponentów |
|
R7D-DC16B-R Arkusz danych(PDF) 38 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
R7D-DC16B-R Arkusz danych(HTML) 38 Page - M-System Co.,Ltd. |
|
38 / 46 page ![]() MODEL: R7C R7C SPECIFICATIONS ES-7801 Rev.26 Page 38/46 http://www.m-system.co.jp/ DC CURRENT OUTPUT MODULE, 4 points MODEL: R7C-YS4 SPECIFICATIONS Isolation: Output 0 to output 1 to output 2 to output 3 to power input to CC-Link or FG CC-Link: Conforms to Version 1.10 Station type: Remote device Data allocation: 1 Converted data range: 0 – 10000 of the output range Output range: 4 – 20 mA DC Load resistance: ≤ 550Ω Conversion accuracy: ±0.1 % Response time: 250 msec. (0 – 90 %) Temperature coefficient: ±0.015 %/°C (±0.008 %/°F) OPERATING MODE SETTING (*) Factory setting Caution ! - SW1-1 through 1-3, 1-5 through 1-8 are unused. Be sure to turn off the unused ones. • Output at the Loss of Communication (SW1-4) SW1-4 Output at the loss of communication OFF Reset the output (to -15%) ON Hold the output (*) (maintains the last data received normally) TERMINAL ASSIGNMENTS 6 NC 7 I0 8 I1 1 NC 2 COM0 3 COM1 9 I2 4 COM2 10 I3 5 COM3 NO. ID FUNCTION NO. ID FUNCTION 1 NC No connection 6 NC No connection 2 COM0 Common 0 7 I0 Current 0 3 COM1 Common 1 8 I1 Current 1 4 COM2 Common 2 9 I2 Current 2 5 COM3 Common 3 10 I3 Current 3 CIRCUIT DIAGRAM Note: In order to improve EMC performance, bond the FG terminal to ground. Caution: FG terminal is NOT a protective conductor terminal. Output Circuit Comm. Circuit Control Circuit 4 7 6 3 2 5 1 V(–) U(+) FG SLD DG DB DA Output Circuit Output Circuit Output Circuit 7 I0 2 COM0 8 3 OUTPUT 0 I1 COM1 OUTPUT 1 I2 COM2 OUTPUT 2 9 I3 COM3 OUTPUT 3 4 10 5 1 6 |