| Zakładka z wyszukiwarką danych komponentów |
|
R7E-TS4-R Arkusz danych(PDF) 6 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
R7E-TS4-R Arkusz danych(HTML) 6 Page - M-System Co.,Ltd. |
|
6 / 31 page ![]() MODEL: R7E R7E SPECIFICATIONS ES-7807 Rev.13 Page 6/31 http://www.m-system.co.jp/ MODBUS I/O ASSIGNMENT 0 15 Input 0 (Burnout, input range error) Input 1 (Burnout, input range error) Input 2 (Burnout, input range error) Unused Input 3 (Burnout, input range error) Input 0 (ADC error) Input 1 (ADC error) Input 2 (ADC error) Input 3 (ADC error) : Unused Burnout, input range error (≤-15%, ≥+115%) 0 : Normal 1 : Error ADC error (no response from ADC) 0 : Normal 1 : Error ■ STATUS Analog input modules (models: R7E-SV4, R7E-TS4, R7E-RS4, R7E-MS4, R7E-CT4E) can show input status of each channel. Analog output modules (models: R7E-YS2, R7E-YV2) , discrete I/O modules (models: R7E-DA16, R7E-DC16A, R7E-DC16B) and totalized pulse input (model: R7E-PA8) show ‘0’ at the same address. ADDRESS DATA TYPE DATA Coil (0X) 1 – 16 Digital Output (discrete output of the basic module) 17 – 32 Digital Output (discrete output of the extension module) Inputs (1X) 1 – 16 Digital Input (discrete input of the basic module) 17 – 32 Digital Input (discrete input of the extension module) 33 – 48 Reserved (unused) 49 – 64 Module Status 65 – 80 Reserved (unused) Input Registers (3X) 1 – 4 I Analog Input 5 – 16 ---- Reserved (unused) 17 – 24 F Analog Input 25 – 48 ---- Reserved (unused) Holding Registers (4X) 1 – 2 I Analog Output 3 – 16 ---- Reserved (unused) 17 – 20 F Analog Output 21 – 48 ---- Reserved (unused) I : Integer, -1500 – +11500 (-15 – +115%) F : Floating Note: DO NOT access addresses other than mentioned above. Such access may cause problems such as inadequate operation. |