Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ACE25QC200GLFMLTH Arkusz danych(PDF) 41 Page - ACE Technology Co., LTD.

Numer części ACE25QC200GLFMLTH
Szczegółowy opis  2M BIT SPI NOR FLASH
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ACE [ACE Technology Co., LTD.]
Strona internetowa  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC200GLFMLTH Arkusz danych(HTML) 41 Page - ACE Technology Co., LTD.

Back Button ACE25QC200GLFMLTH Datasheet HTML 37Page - ACE Technology Co., LTD. ACE25QC200GLFMLTH Datasheet HTML 38Page - ACE Technology Co., LTD. ACE25QC200GLFMLTH Datasheet HTML 39Page - ACE Technology Co., LTD. ACE25QC200GLFMLTH Datasheet HTML 40Page - ACE Technology Co., LTD. ACE25QC200GLFMLTH Datasheet HTML 41Page - ACE Technology Co., LTD. ACE25QC200GLFMLTH Datasheet HTML 42Page - ACE Technology Co., LTD. ACE25QC200GLFMLTH Datasheet HTML 43Page - ACE Technology Co., LTD. ACE25QC200GLFMLTH Datasheet HTML 44Page - ACE Technology Co., LTD. ACE25QC200GLFMLTH Datasheet HTML 45Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 64 page
background image
ACE25QC200GL
2M BIT SPI NOR FLASH
VER 1.1
41
Chip Erase (C7h / 60h)
The Chip Erase instruction sets all memory within the device to the erased state of all 1s (FFh). A Write
Enable instruction must be executed before the device will accept the Chip Erase Instruction (Status
Register bit WEL must equal 1). The instruction is initiated by driving the /CS pin low and shifting the
instruction code “C7h” or “60h”. The Chip Erase instruction sequence is shown in Figure32.
The /CS pin must be driven high after the eighth bit has been latched. If this is not done the Chip Erase
instruction will not be executed. After /CS is driven high, the self-timed Chip Erase instruction will
commence for a time duration of tCE (See AC Characteristics). While the Chip Erase cycle is in progress,
the Read Status Register instruction may still be accessed to check the status of the WIP bit. The WIP bit is
a 1 during the Chip Erase cycle and becomes a 0 when finished and the device is ready to accept other
instructions again. After the Chip Erase cycle has finished the Write Enable Latch (WEL) bit in the Status
Register is cleared to 0. The Chip Erase instruction will not be executed if any memory region is protected
by the Block Protect (BP4, BP3, BP2, BP1, and BP0) bits.
Figure32. Chip Erase Instruction for SPI Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64